Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH1902 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AH1902
Description  HIGH SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1902 Datasheet(HTML) 5 Page - Diodes Incorporated

  AH1902 Datasheet HTML 1Page - Diodes Incorporated AH1902 Datasheet HTML 2Page - Diodes Incorporated AH1902 Datasheet HTML 3Page - Diodes Incorporated AH1902 Datasheet HTML 4Page - Diodes Incorporated AH1902 Datasheet HTML 5Page - Diodes Incorporated AH1902 Datasheet HTML 6Page - Diodes Incorporated AH1902 Datasheet HTML 7Page - Diodes Incorporated AH1902 Datasheet HTML 8Page - Diodes Incorporated AH1902 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AH1902
Document number: DS36533 Rev. 4 - 2
5 of 11
www.diodes.com
April 2016
© Diodes Incorporated
AH1902
Typical Operating Characteristics
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
-50
-25
0
25
50
75
100
Temperature (°C)
Switch Points vs Temperature
VDD = 1.6V
Brpn
Bops
Bopn
Brps
Bhy
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
-50
-25
0
25
50
75
100
Temperature (°C)
Switch Points vs Temperature
VDD = 1.8V
Brpn
Bops
Bopn
Brps
Bhy
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
-50
-25
0
25
50
75
100
Temperature (° C)
Switch Points vs Temperature
VDD = 3.6V
Brpn
Bops
Bopn
Brps
Bhy
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
1.5
1.8
2.1
2.4
2.7
3
3.3
3.6
3.9
Temperature (°C)
Switch Points vs Temperature
TA = +25 C
Brpn
Bops
Bopn
Brps
Bhy
0
1
2
3
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100
Temperature ( C)
Average Supply Current vs. Temperature
1.8V
1.6V
3.6V
0
1
2
3
4
5
6
7
8
9
10
1.5
1.8
2.1
2.4
2.7
3
3.3
3.6
3.9
Supply Voltage (V)
Average Supply Current vs. Supply Voltage
TA = +25 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com