Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF010 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MICRF010
Description  QwikRadio Low-Power UHF Receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF010 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MICRF010 Datasheet HTML 5Page - Micrel Semiconductor MICRF010 Datasheet HTML 6Page - Micrel Semiconductor MICRF010 Datasheet HTML 7Page - Micrel Semiconductor MICRF010 Datasheet HTML 8Page - Micrel Semiconductor MICRF010 Datasheet HTML 9Page - Micrel Semiconductor MICRF010 Datasheet HTML 10Page - Micrel Semiconductor MICRF010 Datasheet HTML 11Page - Micrel Semiconductor MICRF010 Datasheet HTML 12Page - Micrel Semiconductor MICRF010 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Micrel
MICRF010
June 2005
9
M9999-063005
(408) 955-1690
The Demodulator Filter Bandwidth
There is no external control to set the demodulator
bandwidth. The maximum bandwidth is 2000 hertz at 315
MHz. Maximum bandwidth scales linearly with operating
frequency. To minimize data pulse stretching, one must
calculate the “demodulator BW required” to be certain that
it does not exceed demodulator filter bandwidth of
MICRF010 at operating frequency. For “demodulator BW
required” calculation, one needs to identify the shortest
pulse within the data profile and use equation 8 below:
width
-
pulse
shortest
65
.
0
Required
BW
r
Demodulato
=
(8)
Refer to the “Electrical Characteristics” for the exact filter
bandwidth at a chosen frequency.
Power Supply Bypass Capacitors
Supply bypass capacitors are strongly recommended. One
example is to use 0.1uF ceramic capacitor in parallel with
100pF ceramic capacitor for VDD.
Data Squelching
During quiet periods (no signal), the data output (DO pin)
transitions randomly with noise. Most decoders can
discriminate between this random noise and actual data.
For some systems, random transition due to noise during
quiet period is a problem. There are three possible
approaches to reduce this output noise:
1. Analog squelch to raise the demodulator threshold.
2. Digital squelch to disable the output when data is not
present.
3. Output filter to filter the (high frequency) noise
glitches on the data output pin.
The simplest solution is to perform analog squelch by
inducing a small offset, or squelch voltage, on the CTH pin
so that noise does not trigger the internal comparator,
Usually 20mV to 30mV on CTH pin is sufficient. This may
be achieved by connecting a several-meg-ohm resistor
from the CTH pin to either VSSBB or VDDBB, depending
upon the desired offset polarity. Since MICRF010’s
receiver AGC noise at the internal comparator input is
always the same (set by the AGC), the squelch-offset
requirement does not change as the local noise strength
changes from installation to installation. Introducing
squelch will reduce sensitivity and range. One should
introduce minimal offset to sufficiently quiet the output.
Typical squelch resistor values range from 10MΩ to 6.8MΩ
for low to high squelch strength.
I/O Pin Interface Circuitry
Interface circuitry for the various I/O pins of the MICRF010
are diagrammed in Figures 2 through 8. The ESD
protection diodes at all input and output pins are not
shown.
CTH Pin
~1.6V
Demodulator
Signal
VDD
VSS
PHI2
PHI2B
PHI1
PHI1B
VSS
TG1
TG2
CTH
Figure 2. CTH Pin
Figure 2 illustrates the CTH pin interface circuit. The CTH
pin is driven from a N-Channel MOSFET source-follower
with approximately 10µA of bias. Internal control signals
PHI1/PHI2 are related in a manner such that the
impedance across the transmission gates looks like a
“resistance” of approximately 150kΩ. The DC potential at
the CTH pin is approximately 1.6V
CAGC Pin
VDD
VSS
160uA
16uA
Compa-
rator
7uA
85uA
Timeout
CAGC
Figure 3. CAGC Pin
Figure 3 illustrates the CAGC pin interface circuit. The
AGC control voltage is developed as an integrated current
into a capacitor CAGC. The attack current is nominally
1.5µA, while the decay current is a 10 times scaling of this,
approximately 15µA. Signal gain of the RF/IF strip inside
the IC diminishes as the voltage on CAGC decreases. By
simply adding a capacitor to CAGC pin, the attack/decay
time constant ratio is fixed at 10:1. Modification of the
attack/decay ratio is possible by adding resistance from the
CAGC pin to either VDDBB or VSSBB, as desired.
Both the push and pull current sources are disabled during
shutdown, which maintains the voltage across CAGC, and
improves recovery time in duty-cycled applications. To
further improve duty-cycle recovery, both push and pull
currents are increased by 45 times for approximately 10ms
after release of the SHUT pin. This allows rapid recovery of
any voltage droop on CAGC while in shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com