Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF010 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MICRF010
Description  QwikRadio Low-Power UHF Receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF010 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MICRF010 Datasheet HTML 1Page - Micrel Semiconductor MICRF010 Datasheet HTML 2Page - Micrel Semiconductor MICRF010 Datasheet HTML 3Page - Micrel Semiconductor MICRF010 Datasheet HTML 4Page - Micrel Semiconductor MICRF010 Datasheet HTML 5Page - Micrel Semiconductor MICRF010 Datasheet HTML 6Page - Micrel Semiconductor MICRF010 Datasheet HTML 7Page - Micrel Semiconductor MICRF010 Datasheet HTML 8Page - Micrel Semiconductor MICRF010 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Micrel
MICRF010
June 2005
2
M9999-063005
(408) 955-1690
Pin Configuration
Standard 8-Pin SOIC (M)
Pin Description
Pin Number
Pin Name
Pin Function
1
VSS
Ground Return (input): ground return to the power supply. See “Applications Information” for bypass
capacitor details.
2
ANT
Antenna (Input): See “Applications Information” for information on input impedance. For optimal
performance the antenna impedance should be matched to the antenna pin impedance.
3
VDD
Power Supply (Input): Positive Supply input for the RF IC. Connect a low ESL, low ESR decoupling
capacitor from this to VSS, with lead length kept as short as possible.
4
CTH
[Data Slicing] Threshold Capacitor (External Component): Capacitor extracts the DC average value
from the demodulated waveform, which becomes the reference for the internal data slicing comparator.
See “Applications Information” for selection.
5
DO
Digital Output (Output): CMOS level compatible data output signal.
6
SHUT
Shutdown (Input): Shutdown-mode logic-level control input. Pull low to enable the receiver. This input
is pulled-up internally to VDD.
7
CAGC
AGC Capacitor (External Component): Integrating capacitor for on-chip AGC (automatic gain control).
See “Applications Information” for capacitor selection.
8
REFOSC
Reference Oscillator (External Component or Input): Timing reference for on-chip tuning and
alignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com