Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF010 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF010
Description  QwikRadio Low-Power UHF Receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF010 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF010 Datasheet HTML 1Page - Micrel Semiconductor MICRF010 Datasheet HTML 2Page - Micrel Semiconductor MICRF010 Datasheet HTML 3Page - Micrel Semiconductor MICRF010 Datasheet HTML 4Page - Micrel Semiconductor MICRF010 Datasheet HTML 5Page - Micrel Semiconductor MICRF010 Datasheet HTML 6Page - Micrel Semiconductor MICRF010 Datasheet HTML 7Page - Micrel Semiconductor MICRF010 Datasheet HTML 8Page - Micrel Semiconductor MICRF010 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MICRF010
QwikRadio® Low-Power UHF Receiver
QwikRadio is a registered trademark of Micrel, Inc. The QwikRadio Ics were developed under a partnership agreement with AIT of Orlando, Florida.
June 2005
M9999-063005
(408) 955-1690
General Description
The MICRF010 is a single chip, ASK/OOK (ON-OFF
Keyed) RF receiver IC recommended for new designs
replacing the MICRF007. It provides the same function with
sensitivity enhancement, typically 6dB better than the
MICRF007. Just like all other members of the QwikRadio®
family, the MICRF010 achieves low power operation, a
very high level of integration, and it is particularly easy to
use.
All post-detection data filtering is provided on the
MICRF010, so no external baseband filters are required. In
fact, the entire receiver circuit is made of very few external
components and with the 8-pin SOIC package makes it
ideal for small printed circuit board area applications.
The MICRF010 works in fixed-mode (FIX) operation, which
functions as a conventional super-heterodyne receiver.
Fixed-mode provides better selectivity and sensitivity
performance in comparison with sweep mode used in other
Micrel receivers intended for lower cost applications.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
QwikRadio™
Features
• High sensitivity (–104dBm)
• 300MHz to 440MHz frequency range
• Data-rate up to 2.0kbps (Manchester encoding)
• Low power consumption
–
2.9mA fully operational (315MHz)
–
0.15µA in shutdown
–
290µA in polled mode (10:1 duty-cycle)
• Shutdown input
• Automatic tuning, no manual adjustment
• Very low RF re-radiation at the antenna
• Highly integrated with extremely low external part count
Applications
• Automotive remote keyless entry (RKE)
• Long range RF identification
• Remote fan and light control
• Garage door and gate openers
Ordering Information
Part Number
Standard
Pb-Free
Operating Mode
Shutdown
Package
MICRF010BM
MICRF010YM
Fixed
Yes
8-pin SOIC
Typical Application
17cm 22AWG MAGNET WIRE
433.92Mhz 1000 bps Manchester Encoded On-Off Keyed Receiver


Similar Part No. - MICRF010

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF011 MICREL-MICRF011 Datasheet
147Kb / 11P
QwikRadiotm Receiver/Data Demodulator Preliminary Information
MICRF011BM MICREL-MICRF011BM Datasheet
147Kb / 11P
QwikRadiotm Receiver/Data Demodulator Preliminary Information
MICRF011BN MICREL-MICRF011BN Datasheet
147Kb / 11P
QwikRadiotm Receiver/Data Demodulator Preliminary Information
More results

Similar Description - MICRF010

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF004 MICREL-MICRF004 Datasheet
94Kb / 16P
QwikRadio??Low-Power VHF Receiver Advance Information
MICRF102 MICREL-MICRF102 Datasheet
61Kb / 12P
QwikRadio UHF ASK Transmitter
MICRF008 MICREL-MICRF008 Datasheet
115Kb / 12P
QwikRadio??Sweep-Mode Receiver
MICRF007 MICREL-MICRF007 Datasheet
96Kb / 16P
QwikRadio Low-Power UHF Receiver
MICRF103 MICREL-MICRF103 Datasheet
41Kb / 7P
QwikRadio UHF ASK Transmitter
MICRF104 MICREL-MICRF104 Datasheet
45Kb / 10P
1.8V, QwikRadio??UHF ASK Transmitter
MICRF009 MICREL-MICRF009 Datasheet
1Mb / 16P
QwikRadio Low-Power UHF Receiver
MICRF008 MICREL-MICRF008_11 Datasheet
208Kb / 13P
QwikRadio Sweep-Mode Receiver
MICRF213 MICREL-MICRF213_11 Datasheet
975Kb / 16P
3.3V, QwikRadio 315MHz Receiver
MICRF102 MICREL-MICRF102_06 Datasheet
317Kb / 12P
QwikRadio??UHF ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com