Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF010 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF010
Description  QwikRadio Low-Power UHF Receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF010 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF010 Datasheet HTML 1Page - Micrel Semiconductor MICRF010 Datasheet HTML 2Page - Micrel Semiconductor MICRF010 Datasheet HTML 3Page - Micrel Semiconductor MICRF010 Datasheet HTML 4Page - Micrel Semiconductor MICRF010 Datasheet HTML 5Page - Micrel Semiconductor MICRF010 Datasheet HTML 6Page - Micrel Semiconductor MICRF010 Datasheet HTML 7Page - Micrel Semiconductor MICRF010 Datasheet HTML 8Page - Micrel Semiconductor MICRF010 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Micrel
MICRF010
June 2005
4
M9999-063005
(408) 955-1690
Symbol
Parameter
Condition
Min
Typ
Max
Units
Digital/Control Section
VIH
Input High Voltage
SHUT
0.8
VDD
VIL
Input Low Voltage
SHUT
0.2
VDD
IOUT
Output Current
DO pin, push-pull
45
µA
VOH
Output High Voltage
DO pin, IOUT = –30µA
0.9
VDD
VOL
Output Low Voltage
DO pin, IOUT = +30µA
0.1
VDD
tR, tF
Output Rise and Fall Time
DO pin, CLOAD = 15pF
4
µs
Notes:
1. Exceeding absolute maximum ratings may damage the device.
2. The device is not guaranteed to function outside its operating ratings.
3. Devices are ESD sensitive, use appropriate ESD precautions. The device meets Class 1 ESD test requirements, (human body model HBM), in
accordance with MIL-STD-883C, method 3015. Do not operate or store near strong electrostatic fields.
4. Sensitivity is defined as the average signal level measured at the input necessary to achieve 10-2 BER (bit error rate). The RF input is assumed to
be matched to 50Ω.
5. Parameter scales linearly with reference oscillator frequency fT. For any reference oscillator frequency other than 9.794MHz, compute new
parameter value as the ratio:
f
REFOSCMHZ
9.794MHz
× parameter value at 9.79MHz
()
6. Spurious reverse isolation represents the spurious components, which appear on the RF input pin (ANT) measured into 50Ω with an input RF
matching network.
7. Series resistance of the resonator (ceramic resonator or crystal) should be minimized to the extent possible. In cases where the resonator series
resistance is too great, the oscillator may oscillate at a diminished peak-to-peak level, or may fail to oscillate entirely. Micrel recommends that
series resistances for ceramic resonators and crystals not exceed 50Ω and 100Ω, respectively.
8. Crystal load capacitor is 10pF. See Figure 5 in “REFOSC” section for reference oscillator operation.
9. Parameter scales inversely with reference oscillator frequency fT. For any reference oscillator frequency other than 9.794MHz, compute new
parameter value as the ratio:
9.794MHz
f
REFOSCMHZ
× parameter value at 9.794MHz
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com