Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTCCG Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # HTCCG
Description  HIGH TEMPERATURE CRYSTAL CLOCK GENERATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HTCCG Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  HTCCG Datasheet HTML 1Page - Honeywell Solid State Electronics Center HTCCG Datasheet HTML 2Page - Honeywell Solid State Electronics Center HTCCG Datasheet HTML 3Page - Honeywell Solid State Electronics Center HTCCG Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
HTCCG
DC ELECTRICAL CHARACTERISTICS
123456789012345678901234567890121234567890123456789
123456789012345678901234567890121234567890123456789
123456789012345678901234567890121234567890123456789
123456789012345678901234567890121234567890123456789
123456789012345678901234567890121234567890123456789
Symbol
Reset Parameters
T y p
Min
Max
Units Notes
VOLrb
NRESET OUT VOL
0.4
V
IOLrb
NRESET OUT IOL
16.0
mA
@RESET_BAR=0.4V
VOHrb
NRESET OUT VOH
2.4
V
IOHrb
NRESET OUT IOH
400.0
µA
@RESET_BAR=2.4V
NRID
RESET IN Detect
1.8
3.3
V
Symbol
Clock Parameters
T y p
Min
Max
Units Notes
VILen
OUTPUT ENABLE VIL
0.8
V
VIHen
OUTPUT ENABLE VIH
2.0
V
IOLen
OUTPUT ENABLE IIL
300
µA
22K
Ω Pullup Resistor Current
IOHen
OUTPUT ENABLE IIH
50
µA
22K
Ω Pullup Resistor Current
VILen
CLOCK SELECT ENABLE VIL
0.8
V
VIHen
CLOCK SELECT ENABLE VIH
2.0
V
IOLen
CLOCK SELECT ENABLE IIL
300
µA
22K
Ω Pullup Resistor Current
IOHen
CLOCK SELECT ENABLE IIH
50
µA
22K
Ω Pullup Resistor Current
IDD
Supply Current
5.0
50
mA
Supply Voltage
4.5
5.5
V
VOHf
FOUT VOH
2.4
Outputs Disabled
IOHf
FOUT IOH
400µA
VOHf2
FOUT2 VOH
2.4
Outputs Disabled
IOHf2
FOUT2 IOH
400µA
VOHf4
FOUT4 VOH
2.4
Outputs Disabled
IOHf4
FOUT4 IOH
400µA
VOHf8
FOUT8 VOH
2.4
Outputs Disabled
IOHf8
FOUT8 IOH
400µA
AC ELECTRICAL CHARACTERISTICS
Symbol
Reset Parameters
T y p
Min
Max
Units Notes
tRST
NRESET OUT Active Time
420
320.0
520
mS
Active Reset Pulse Time
tRPD
RESET IN to NRESET OUT Low
100
nS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com