Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTCCG Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # HTCCG
Description  HIGH TEMPERATURE CRYSTAL CLOCK GENERATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HTCCG Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  HTCCG Datasheet HTML 1Page - Honeywell Solid State Electronics Center HTCCG Datasheet HTML 2Page - Honeywell Solid State Electronics Center HTCCG Datasheet HTML 3Page - Honeywell Solid State Electronics Center HTCCG Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
HTCCG
SIMPLIFIED SCHEMATIC
Reset Out
RESET FUNCTIONS
VDD
Reset
Monitor
Reset In
Internal
Pullup
Resistor
5K
GND
420mS
Delay
RC Oscillator
External Reset
Switch / Capacitor
Crystal
Driver
X1
X2
Clock
Selector
External
Clock Enable
External
Clock
CLOCK FUNCTIONS
Duty Cycle
30/70
48Khz-40Mhz
VDD
22K
Internal
Pullup
Resistor
Duty Cycle
50/50
24Khz-20Mhz
FOUT
VDD
22K
Internal
Pullup
Resistor
÷2
÷4
÷8
÷16
Enable
FOUT / 2
FOUT / 4
FOUT / 8
External crystal / Capacitors
NRESET OUT
Ω
Ω
Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com