Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTCCG Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # HTCCG
Description  HIGH TEMPERATURE CRYSTAL CLOCK GENERATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HTCCG Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  HTCCG Datasheet HTML 1Page - Honeywell Solid State Electronics Center HTCCG Datasheet HTML 2Page - Honeywell Solid State Electronics Center HTCCG Datasheet HTML 3Page - Honeywell Solid State Electronics Center HTCCG Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
HTCCG
900203 Rev. D
7-04
Helping You Control Your World
Honeywell reserves the right to make changes to any products or technology herein to improve reliability, function or design. Honeywell does not assume any liability
arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
SPECIFICATIONS
e
g
n
a
R
y
c
n
e
u
q
e
r
F
l
a
t
s
y
r
Cz
H
M
0
2
—
z
H
K
4
2
y
r
t
e
m
m
y
S
t
u
p
t
u
O%
5
±
0
5
e
g
a
t
l
o
V
y
l
p
p
u
S%
0
1
±
V
5
t
n
e
r
r
u
C
y
l
p
p
u
S
A
m
0
1
<
D - Indicates package type
D = 14-Lead Ceramic DIP
For packaging options, call Honeywell
HTCCGDC
ORDERING INFORMATION
To learn more about Honeywell Solid State Electronics Center,
visit our web site at http://www.ssec.honeywell.com
C - Indicates screening level
C = Commercial
Input Voltage, VDD to VSS ......................... -0.5 V to 7.0 V
Voltage On Any Pin to VSS ............... -0.5 V to VDD+0.3 V
Power Dissipation ............................................. 500 mW
Storage Temperature ............................... -65 to +325
°C
Lead Temperature (attachment, 10 sec) .............. 355
°C
ABSOLUTE MAXIMUM RATINGS (1)
Stresses in excess of those listed above may result in permanent damage. These
are stress ratings only, and operation at these levels is not implied. Frequent or
extended exposure to absolute maximum conditions may effect device reliability.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com