Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTCCG Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # HTCCG
Description  HIGH TEMPERATURE CRYSTAL CLOCK GENERATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HTCCG Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  HTCCG Datasheet HTML 1Page - Honeywell Solid State Electronics Center HTCCG Datasheet HTML 2Page - Honeywell Solid State Electronics Center HTCCG Datasheet HTML 3Page - Honeywell Solid State Electronics Center HTCCG Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advance Information
HTMOSTM High Temperature Products
HIGH TEMPERATURE CRYSTAL
CLOCK GENERATOR
HTCCG
• Down-Hole Oil Well
• Avionics
• Turbine Engine Control
• Industrial Process Control
• Nuclear Reactor
• Electric Power Conversion
• Heavy Duty Internal Combustion Engines
• Specified Over -55 to +225
°C
• CMOS/TTL Compatible
• Output Frequencies of 24 KHz–20 MHz
• Divide by 2, 4, 8
• Single 5V Supply
• Hermetic 14-Pin Ceramic DIP
• Interfaces With External Crystal
FEATURES
APPLICATIONS
GENERAL DESCRIPTION
Solid State Electronics Center • 12001 State Highway 55, Plymouth, MN 55441 • (800) 323-8295 • http://www.ssec.honeywell.com
The HTCCG is a high temperature clock oscillator fabri-
cated in Honeywell’s HTMOS™ high temperature process.
The chip contains a crystal controlled oscillator driver,
divider chain, low voltage monitor, and enable and reset
lines. Using an external crystal, it is intended to provide
reliable precision performance throughout the -55 to
+225
°C temperature band. All parts are burned in at 250°C
to eliminate infant mortality. Typically, parts will operate up
to +300
°C for a year, with derated performance.
The HTCCG operates from input crystal frequencies of
48KHz to 40MHz. The base frequency output ranges from
24KHz to 20Mhz, with divide by two, four, and eight fre-
quency outputs also provided. An Enable pin is included for
extremely low power applications, and a Reset pin for
prototyping purposes. The crystal driver may be bypassed
for applications requiring only a precision divider chain.
PACKAGE PINOUT
1
2
3
4
5
6
7
14
13
12
11
10
9
8
RESET IN
ExtClkEn
X2
X1
VSS
VDD
FOUT / 8
FOUT / 4
FOUT / 2
Enable
FOUT
14-Lead Cerdip
Not Used
ExtClkIn
NRESET OUT


Similar Part No. - HTCCG

ManufacturerPart #DatasheetDescription
logo
HolyStone International
HTC HOLYSTONECAPS-HTC Datasheet
194Kb / 2P
High Temperature Capacitors
logo
Eaton All Rights Reserv...
HTC EATON-HTC Datasheet
446Kb / 2P
PCB Fuse accessories for 5 mm fuses
logo
Weller Tools
HTC WELLER-HTC Datasheet
80Kb / 4P
Soldering Tips
logo
Analog Devices
HTC-0300A AD-HTC-0300A Datasheet
1Mb / 4P
Ultrahigh-Speed Hybrid Track-and-Hold Amplifiers
HTC-0300AM AD-HTC-0300AM Datasheet
1Mb / 4P
Ultrahigh-Speed Hybrid Track-and-Hold Amplifiers
More results

Similar Description - HTCCG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHT-CG-050 ETC2-CHT-CG-050 Datasheet
114Kb / 9P
Versatile High Temperature Clock Generator
logo
Microchip Technology
DSC400-0103Q0102 MICROCHIP-DSC400-0103Q0102 Datasheet
1Mb / 11P
Crystal-less??Configurable Clock Generator
June 21, 2017 Revision 1.0
DSC400-0202Q0106 MICROCHIP-DSC400-0202Q0106 Datasheet
1Mb / 10P
Crystal-less??Configurable Clock Generator
August 23, 2017 Revision 1.0
DSC400-0202Q0109 MICROCHIP-DSC400-0202Q0109 Datasheet
1Mb / 10P
Crystal-less??Configurable Clock Generator
August 23, 2017 Revision 1.0
logo
Micrel Semiconductor
DSC400-1111Q0001 MICREL-DSC400-1111Q0001 Datasheet
1,007Kb / 10P
Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC400-1111Q0091 MICROCHIP-DSC400-1111Q0091 Datasheet
1Mb / 10P
Crystal-less??Configurable Clock Generator
December 08, 2016 Revision 1.0
DSC400-3331Q0097 MICROCHIP-DSC400-3331Q0097 Datasheet
1Mb / 11P
Crystal-less??Configurable Clock Generator
April 27, 2017 Revision 1.0
logo
Micrel Semiconductor
DSC400-3333Q0078 MICREL-DSC400-3333Q0078 Datasheet
1Mb / 10P
Crystal-less??Configurable Clock Generator
DSC400-4244Q0023 MICREL-DSC400-4244Q0023 Datasheet
1Mb / 11P
Crystal-less??Configurable Clock Generator
DSC400-4244Q0069 MICREL-DSC400-4244Q0069 Datasheet
1Mb / 11P
Crystal-less??Configurable Clock Generator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com