Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP3210-R Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PIP3210-R
Description  TOPFET high side switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3210-R Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PIP3210-R Datasheet HTML 4Page - NXP Semiconductors PIP3210-R Datasheet HTML 5Page - NXP Semiconductors PIP3210-R Datasheet HTML 6Page - NXP Semiconductors PIP3210-R Datasheet HTML 7Page - NXP Semiconductors PIP3210-R Datasheet HTML 8Page - NXP Semiconductors PIP3210-R Datasheet HTML 9Page - NXP Semiconductors PIP3210-R Datasheet HTML 10Page - NXP Semiconductors PIP3210-R Datasheet HTML 11Page - NXP Semiconductors PIP3210-R Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Philips Semiconductors
Product specification
TOPFET high side switch
PIP3210-R
Fig.10. Typical supply quiescent current.
I
B = f(Tj); condition VBG = 16 V, VIG = 0 V, VLG = 0 V
Fig.11. Typical off-state leakage current.
I
L = f(Tj); conditions VBL = 16 V = VBG, VIG = 0 V.
Fig.12. Status leakage current.
I
S = f(Tj); conditions VSG = 5 V, VIG = VBG = 0 V
Fig.13. Low load current detection threshold.
I
L(OC) = f(Tj); conditions VIG = 5 V; VBG
≥ 9 V
Fig.14. Supply undervoltage thresholds.
V
BG(UV) = f(Tj); conditions VIG = 5 V; VBL
≤ 2 V
Fig.15. Supply overvoltage thresholds.
V
BG(OV) = f(Tj); conditions VIG = 5 V; IL = 100 mA
100E-12
1E-9
10E-9
100E-9
1E-6
10E-6
100E-6
-50
0
50
100
150
200
IB / A
Tj /
OC
max.
typ.
0.0
0.4
0.8
1.2
1.6
-50
0
50
100
150
200
Tj /
OC
IL(OC) / A
typ.
min.
max.
10E-12
00E-12
1E-9
10E-9
100E-9
1E-6
10E-6
100E-6
-50
0
50
100
150
200
Tj /
OC
IL / A
max.
typ.
2.5
3.5
4.5
5.5
-50
0
50
100
150
200
Tj /
OC
VBG(UV) / V
typ.
on
off
1E-9
10E-9
100E-9
1E-6
10E-6
100E-6
-50
0
50
100
150
200
Tj /
OC
IS / A
max.
typ.
35
40
45
50
55
-50
0
50
100
150
200
Tj /
OC
VBG(OV) / V
max.
min.
off
on
September 2001
8
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com