Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP3210-R Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PIP3210-R
Description  TOPFET high side switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3210-R Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PIP3210-R Datasheet HTML 5Page - NXP Semiconductors PIP3210-R Datasheet HTML 6Page - NXP Semiconductors PIP3210-R Datasheet HTML 7Page - NXP Semiconductors PIP3210-R Datasheet HTML 8Page - NXP Semiconductors PIP3210-R Datasheet HTML 9Page - NXP Semiconductors PIP3210-R Datasheet HTML 10Page - NXP Semiconductors PIP3210-R Datasheet HTML 11Page - NXP Semiconductors PIP3210-R Datasheet HTML 12Page - NXP Semiconductors PIP3210-R Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Philips Semiconductors
Product specification
TOPFET high side switch
PIP3210-R
Fig.22. Typical battery to ground clamping voltage.
V
BG = f(Tj); parameter IG
Fig.23. Typical battery to load clamping voltage.
V
BL = f(Tj); parameter IL; condition IG = 10mA
Fig.24. Typical negative load clamping.
I
L = f(VLG); conditions VIG = = 0V, Tj = 25˚C
Fig.25. Typical negative load clamping voltage.
V
LG = f(Tj); parameter IL; condition VIG = = 0V
Fig.26. Typical reverse diode characteristic.
I
L = f(VBL); conditions VIG = 0 V, Tj = 25 ˚C
Fig.27. Typical overload characteristic, T
mb = 25 ˚C.
I
L = f(VBL); condition VBG = 16 V; parameter tp
50
55
60
65
-50
0
50
100
150
200
Tj /
OC
VBG / V
IG =
1 mA
200 mA
-30
-25
-20
-15
-10
-50
0
50
100
150
200
Tj /
OC
IL =
10 mA
10 A
VLG / V
50
55
60
65
-50
0
50
100
150
200
Tj /
OC
IL =
1 mA
600 mA
VBL / V
IL / A
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
-1.1
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
VBL / V
IL / A
0
5
10
-30
-25
-20
-15
-10
VLG / V
IL / A
0
5
10
15
20
25
30
35
40
45
50
02468
10
12
14
16
18
20
VBL / V
Short circuit trip = 150us
VBL(TO) typ.
current limiting
September 2001
10
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com