Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP3210-R Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PIP3210-R
Description  TOPFET high side switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3210-R Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PIP3210-R Datasheet HTML 5Page - NXP Semiconductors PIP3210-R Datasheet HTML 6Page - NXP Semiconductors PIP3210-R Datasheet HTML 7Page - NXP Semiconductors PIP3210-R Datasheet HTML 8Page - NXP Semiconductors PIP3210-R Datasheet HTML 9Page - NXP Semiconductors PIP3210-R Datasheet HTML 10Page - NXP Semiconductors PIP3210-R Datasheet HTML 11Page - NXP Semiconductors PIP3210-R Datasheet HTML 12Page - NXP Semiconductors PIP3210-R Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Philips Semiconductors
Product specification
TOPFET high side switch
PIP3210-R
Fig.28. Short circuit load threshold voltage.
V
BL(TO) = f(VBG); conditions -40˚C
≤ T
mb
≤ 150˚C
Fig.29. Typical output capacitance. T
mb = 25 ˚C
C
bl = f(VBL); conditions f = 1 MHz, VIG = 0 V
Fig.30. Typical reverse battery characteristic.
I
G = f(VBG); conditions IL = 0 A, Tj = 25 ˚C
Fig.31. Typical overload current, V
BL = 8V.
I
L = f(Tj); parameter VBG = 13V;tp = 300
µs
Fig.32. Typical short circuit load threshold voltage.
V
BL(TO) = f(Tj); condition VBG = 16 V
Fig.33. Transient thermal impedance.
Z
th j-mb = f(t); parameter D = tp/T
0
5
10
15
20
25
30
35
0
1020
304050
VBG/ V
VBL(TO) / V
min.
max.
typ. 25˚C
BUK215-50Y
30
35
40
45
50
-50
0
50
100
150
200
Tj /
OC
IL(lim) / A
0
1020304050
10 nF
1nF
100pF
CBL
VBL / V
VBL(TO) / V
10.0
10.2
10.4
10.6
10.8
11.0
11.2
11.4
11.6
11.8
12.0
-50
0
50
100
150
200
Tj /
OC
IG / mA
-200
-150
-100
-50
0
-20
-15
-10
-5
0
VBG / V
D =
tp
tp
T
T
P
t
D
Zth j-mb ( K / W )
t / s
1e+02
1e-01
1e-03
1e-05
1e-07
1e+01
1e-03
1e-02
1e-01
1e+00
D =
0.5
0.2
0.1
0.05
0.02
0
September 2001
11
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com