Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP3210-R Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PIP3210-R
Description  TOPFET high side switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3210-R Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PIP3210-R Datasheet HTML 5Page - NXP Semiconductors PIP3210-R Datasheet HTML 6Page - NXP Semiconductors PIP3210-R Datasheet HTML 7Page - NXP Semiconductors PIP3210-R Datasheet HTML 8Page - NXP Semiconductors PIP3210-R Datasheet HTML 9Page - NXP Semiconductors PIP3210-R Datasheet HTML 10Page - NXP Semiconductors PIP3210-R Datasheet HTML 11Page - NXP Semiconductors PIP3210-R Datasheet HTML 12Page - NXP Semiconductors PIP3210-R Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Philips Semiconductors
Product specification
TOPFET high side switch
PIP3210-R
Fig.16. Typical status low characteristic.
V
SG = f(Tj); conditions VBG
≥ 9 V, I
S = 100
µA
Fig.17. Typical threshold voltage characteristic.
V
IG = f(Tj); condition 9V
≤ V
BG
≤ 16V
Fig.18. Typical input clamping voltage.
V
IG = f(Tj); condition II = 200
µA, V
BG = 13V
Fig.19. Typical status low characteristic, T
j = 25 ˚C.
I
S = f(VSG); conditions VIG = 5V, VBG = 13V,IL = 0A
Fig.20. Typical status clamping voltage.
V
SG = f(Tj); condition IS = 100
µA, V
BG = 13V
Fig.21. Typical status characteristic, T
j = 25 ˚C.
I
S = f(VSG); conditions VIG = VBG = 0V
VSG(LOW) / V
0
0.5
1
-50
0
50
100
150
200
Tj /
OC
IS / mA
0
2
4
6
8
012345
VSG / V
1.00
1.50
2.00
2.50
3.00
-50
0
50
100
150
200
Tj /
OC
VIG / V
VIG(ON)
VIG(OFF)
6.50
6.60
6.70
6.80
6.90
7.00
7.10
7.20
7.30
7.40
7.50
-50
0
50
100
150
200
Tj /
OC
VSG / V
VIG / V =
0
5
6.50
6.60
6.70
6.80
6.90
7.00
7.10
7.20
7.30
7.40
7.50
-50
0
50
100
150
200
Tj /
OC
VIG / V
IS / mA
0
5
10
15
20
024
68
10
VSG / V
September 2001
9
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com