Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843256BGLF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS843256BGLF
Description  FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer With/Integrated Fanout Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS843256BGLF Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS843256BGLF Datasheet HTML 1Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 2Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 3Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 4Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 5Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 6Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 7Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 8Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
FemtoClock
® Crystal-to-3.3V LVPECL
Frequency Synthesizer With/Integrated Fanout Buffer
843256 DATA SHEET
2
REVISION B 12/18/14
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
C
IN
Input Capacitance
4
pF
R
PULLDOWN
Input Pulldown Resistor
51
k
Ω
R
PULLUP
Input Pullup Resistor
51
k
Ω
Number
Name
Type
Description
1, 2
V
CCO
Power
Output supply pins.
3, 4
nQ2, Q2
Output
Differential output pair. LVPECL interface levels.
5, 6
nQ1, Q1
Output
Differential output pair. LVPECL interface levels.
7, 8
nQ0, Q0
Output
Differential output pair. LVPECL interface levels.
9
PLL_BYPASS
Input
Pullup
Selects between the PLL and crystal inputs as the input to the dividers.
When LOW, selects PLL. When HIGH, selects XTAL_IN, XTAL_OUT.
LVCMOS / LVTTL interface levels.
10
V
CCA
Power
Analog supply pin.
11
V
CC
Power
Core supply pin.
12
FB_SEL
Input
Pulldown
Feedback frequency select pin. LVCMOS/LVTTL interface levels.
13,
14
XTAL_IN, XTAL_
OUT
Input
Crystal oscillator interface. XTAL_IN is the input.
XTAL_OUT is the output.
15,
18
N_SEL0
N_SEL1
Input
Pullup
Output frequency select pin. LVCMOS/LVTTL interface levels.
16, 17
V
EE
Negative supply pin.
19, 20
nQ5, Q5
Output
Differential output pair. LVPECL interface levels.
21, 22
nQ4, Q4
Output
Differential output pair. LVPECL interface levels.
23, 24
nQ3, Q3
Output
Differential output pair. LVPECL interface levels.
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com