Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843256BGLF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS843256BGLF
Description  FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer With/Integrated Fanout Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS843256BGLF Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS843256BGLF Datasheet HTML 1Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 2Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 3Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 4Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 5Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 6Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 7Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 8Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
FemtoClock
® Crystal-to-3.3V LVPECL
Frequency Synthesizer With/Integrated Fanout Buffer
843256 DATA SHEET
4
REVISION B 12/18/14
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
CC
4.6V
Inputs, V
I
-0.5V to V
CC
+ 0.5V
Outputs, I
O
Continuous Current
50mA
Surge Current
100mA
Package Thermal Impedance,
θ
JA
37°C/W (0 mps)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device. These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not
implied. Exposure to absolute maximum rating conditions for ex-
tended periods may affect product reliability.
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
CC
= V
CCO
= 3.3V±5%, TA = 0°C TO 70°C
TABLE 4C. LVCMOS / LVTTL DC CHARACTERISTICS, V
CC
= 3.3V±5%, V
CCO
= 3.3V±5% OR 2.5V±5%, TA = 0°C TO 70°C
TABLE 4B. POWER SUPPLY DC CHARACTERISTICS, V
CC
= 3.3V±5%, V
CCO
= 2.5V±5%, TA = 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
IH
Input High Voltage
2
V
CC
+ 0.3
V
V
IL
Input Low Voltage
-0.3
0.8
V
I
IH
Input High Current
FB_SEL
V
CC
= V
IN
= 3.465V
150
µA
PLL_BYPASS,
N_SEL0, N_SEL1
V
CC
= V
IN
= 3.465V
5
µA
I
IL
Input Low Current
FB_SEL
V
CC
= 3.465V, V
IN
= 0V
-5
µA
PLL_BYPASS,
N_SEL0, N_SEL1
V
CC
= 3.465V, V
IN
= 0V
-150
µA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
CC
Core Supply Voltage
3.135
3.3
3.465
V
V
CCA
Analog Supply Voltage
V
cc
– 0.12
3.3
3.465
V
V
CCO
Output Supply Voltage
3.135
3.3
3.465
V
I
EE
Power Supply Current
190
mA
I
CCA
Analog Supply Current
12
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
CC
Core Supply Voltage
3.135
3.3
3.465
V
V
CCA
Analog Supply Voltage
V
cc
– 0.12
3.3
3.465
V
V
CCO
Output Supply Voltage
2.375
2.5
2.625
V
I
EE
Power Supply Current
190
mA
I
CCA
Analog Supply Current
12
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com