Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843256BGLF Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS843256BGLF
Description  FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer With/Integrated Fanout Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS843256BGLF Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS843256BGLF Datasheet HTML 8Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 9Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 10Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 11Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 12Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 13Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 14Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 15Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 16Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REVISION B 12/18/14
843256 DATA SHEET
13
FemtoClock
® Crystal-to-3.3V LVPECL
Frequency Synthesizer With/Integrated Fanout Buffer
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for 843256 is: 3863
TABLE 8.
θ
JA
VS
. AIR FLOW TABLE FOR 24 LEAD TSSOP, E-PAD
θ
JA
by Velocity (Meters per Second)
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
37°C/W
31°C/W
30°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com