Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843256BGLF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS843256BGLF
Description  FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer With/Integrated Fanout Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS843256BGLF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS843256BGLF Datasheet HTML 4Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 5Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 6Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 7Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 8Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 9Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 10Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 11Page - Integrated Device Technology ICS843256BGLF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
FemtoClock
® Crystal-to-3.3V LVPECL
Frequency Synthesizer With/Integrated Fanout Buffer
843256 DATA SHEET
8
REVISION B 12/18/14
APPLICATION INFORMATION
POWER SUPPLY FILTERING TECHNIQUES
As in any high speed analog circuitry, the power supply pins are
vulnerable to random noise. The 843256 provides separate power
supplies to isolate any high switching noise from the outputs to the
internal PLL. V
CC
, V
CCA
, and V
CCO
should be individually connected to
the power supply plane through vias, and bypass capacitors should
be used for each pin. To achieve optimum jitter performance, power
supply isolation is required. Figure 1 illustrates how a 10
Ω resistor
along with a 10
μF and a .01μF bypass capacitor should be con-
nected to each V
CCA
pin.
FIGURE 1. POWER SUPPLY FILTERING
10
Ω
V
CCA
10
μF
.01
μF
3.3V
.01
μF
V
CC
INPUTS:
LVCMOS CONTROL PINS
All control pins have internal pull-ups or pull-downs; additional
resistance is not required but can be added for additional
protection. A 1k
Ω resistor can be used.
RECOMMENDATIONS FOR UNUSED INPUT AND OUTPUT PINS
OUTPUTS:
LVPECL OUTPUTS
All unused LVPECL outputs can be left floating. We recommend
that there is no trace attached. Both sides of the differential output
pair should either be left floating or terminated.
FIGURE 2. CRYSTAL INPUt INTERFACE
C1
18p
X1
18pF Parallel Crystal
C2
22p
XTAL_IN
XTAL_OUT
CRYSTAL INPUT INTERFACE
The 843256 has been characterized with 18pF parallel resonant
crystals. The capacitor values shown in Figure 2 below were
deter mined using an 18pF parallel resonant cr ystal and
were chosen to minimize the ppm error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com