Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTPS16632RGET Datasheet(PDF) 14 Page - Texas Instruments

Part # PTPS16632RGET
Description  60-V, 6-A Power Limiting eFuse
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTPS16632RGET Datasheet(HTML) 14 Page - Texas Instruments

Back Button PTPS16632RGET Datasheet HTML 10Page - Texas Instruments PTPS16632RGET Datasheet HTML 11Page - Texas Instruments PTPS16632RGET Datasheet HTML 12Page - Texas Instruments PTPS16632RGET Datasheet HTML 13Page - Texas Instruments PTPS16632RGET Datasheet HTML 14Page - Texas Instruments PTPS16632RGET Datasheet HTML 15Page - Texas Instruments PTPS16632RGET Datasheet HTML 16Page - Texas Instruments PTPS16632RGET Datasheet HTML 17Page - Texas Instruments PTPS16632RGET Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
OL
ILIM
18
I
R
14
TPS1663
SLVSET9A – SEPTEMBER 2018 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
(1)
RPLIM = 100 kΩ
RILIM = 3 kΩ
Figure 6. Output Power Limiting Response of TPS16632
8.3.6 Overload and Short Circuit Protection
The device monitors the load current by sensing the voltage across the internal sense resistor. The FET current
is monitored during start-up and normal operation.
8.3.6.1 Overload Protection
The TPS1663x devices feature accurate over load current limiting and fast short circuit protection feature. If the
load current exceeds the programmed current limit IOL, the device regulates the current through it at IOL
eventually reducing the output voltage. The power dissipation across the device during this operation will be
(VIN–VOUT) x IOL and this could heat up the device and eventually enter into thermal shutdown. The maximum
duration for the over current through the FET tCL(dly). If the thermal shutdown occurs before this time the internal
FET turns OFF and the subsequent operation (auto-retry or latch OFF) will depend on the MODE pin
configuration. Set the current limit using Equation 5
where
•
I(OL) is the overload current limit in Ampere
•
R(ILIM) is the current limit resistor in kΩ
(5)
8.3.6.2 Short Circuit Protection
During a transient output short circuit event, the current through the device increases rapidly. As the current-limit
amplifier cannot respond quickly to this event due to its limited bandwidth, the device incorporates a fast-trip
comparator. The fast-trip comparator architecture is designed for fast turn OFF tFASTTRIP(dly) = 300 ns (typical) with
I(SCP) = 40 A of the internal FET during an output short circuit event. The fast-trip threshold is internally set to
I(FASTTRIP). The fasttrip circuit holds the internal FET off for only a few microseconds, after which the device turns
back on slowly, allowing the current-limit loop to regulate the output current to I(OL). Then the device functions
similar to the overload condition. Figure 7 illustrates output hot-short performance of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com