Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTPS16632RGET Datasheet(PDF) 11 Page - Texas Instruments

Part # PTPS16632RGET
Description  60-V, 6-A Power Limiting eFuse
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTPS16632RGET Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTPS16632RGET Datasheet HTML 7Page - Texas Instruments PTPS16632RGET Datasheet HTML 8Page - Texas Instruments PTPS16632RGET Datasheet HTML 9Page - Texas Instruments PTPS16632RGET Datasheet HTML 10Page - Texas Instruments PTPS16632RGET Datasheet HTML 11Page - Texas Instruments PTPS16632RGET Datasheet HTML 12Page - Texas Instruments PTPS16632RGET Datasheet HTML 13Page - Texas Instruments PTPS16632RGET Datasheet HTML 14Page - Texas Instruments PTPS16632RGET Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
u
t
u
(IN)
(INRUSH)
(OUT)
dVdT
dV
V
I
C
I
C
dT
t
VIN
VOUT
FLTb
VIN
VOUT
FLTb
IIN
11
TPS1663
www.ti.com
SLVSET9A – SEPTEMBER 2018 – REVISED OCTOBER 2018
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
8.3.2 Overvoltage Protection (OVP)
The TPS1663x incorporate circuitry to protect the system during overvoltage conditions. The TPS16630 features
over voltage cut off functionality. A voltage more than V(OVPR) on OVP pin turns off the internal FET and protects
the downstream load. To program the OVP threshold externally, connect a resistor divider from IN supply to OVP
terminal to GND as shown in the Typical Application circuit. The TPS16632 features an internally fixed 40 V
maximum overvoltage clamp V(OVC) functionality. The TPS16632 clamps the output voltage to V(OVC), when the
input voltage exceeds 40 V. During the output voltage clamp operation, the power dissipation in the internal
MOSFET is PD = (V(IN) – V(OVC)) × I(OUT). Excess power dissipation for prolonged period can make the device to
enter into thermal shutdown.
Figure 1 illustrates the overvoltage cut-off functionality and Figure 2 illustrates the over voltage clamp
functionality .
TPS16630
OVP Setting at 33 V
Figure 1. Over Voltage Cut-off Response at 33-V Level
TPS16632
COUT = 10 µF
RLOAD = 30
Figure 2. Over Voltage Clamp Response
8.3.3 Hot Plug-In and In-Rush Current Control
The devices are designed to control the inrush current upon insertion of a card into a live backplane or other
"hot" power source. This limits the voltage sag on the backplane’s supply voltage and prevents unintended resets
of the system power. The controlled start-up also helps to eliminate conductive and radiative interferences. An
external capacitor connected from the dVdT pin to GND defines the slew rate of the output voltage at power-on.
The fastest output slew rate of 24/240 µscan be achieved by leaving dVdT pin floating. The inrush current can be
calculated using Equation 1.
(1)
where
tdVdT = 20.8 × 10
3 × V
(IN) × C(dVdT)
(2)
Figure 3 illustrates in-rush current control performance of the device during Hot Plug-In.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com