Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTPS16632RGET Datasheet(PDF) 5 Page - Texas Instruments

Part # PTPS16632RGET
Description  60-V, 6-A Power Limiting eFuse
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTPS16632RGET Datasheet(HTML) 5 Page - Texas Instruments

  PTPS16632RGET Datasheet HTML 1Page - Texas Instruments PTPS16632RGET Datasheet HTML 2Page - Texas Instruments PTPS16632RGET Datasheet HTML 3Page - Texas Instruments PTPS16632RGET Datasheet HTML 4Page - Texas Instruments PTPS16632RGET Datasheet HTML 5Page - Texas Instruments PTPS16632RGET Datasheet HTML 6Page - Texas Instruments PTPS16632RGET Datasheet HTML 7Page - Texas Instruments PTPS16632RGET Datasheet HTML 8Page - Texas Instruments PTPS16632RGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
TPS1663
www.ti.com
SLVSET9A – SEPTEMBER 2018 – REVISED OCTOBER 2018
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
IN, P_IN, OUT, UVLO, FLT, PGOOD
–0.3
62
V
IN, P_IN (10ms transient)
–0.3
75
V
OVP, dVdT, IMON, MODE, SHDN,
ILIM
–0.3
5
V
I FLT , IdVdT, I SHDN
Sink current
10
mA
IdVdT, IILIM
Source current
Internally limited
TJ
Operating Junction temperature
–40
150
°C
Transient junction temperature
–65
T(TSD)
Tstg
Storage temperature
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per
ANSI/ESDA/JEDEC JS-001, all pins(1)
±1500
V
Charged device model (CDM), per JEDEC
specification JESD22-C101, all pins(2)
±500
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
IN, P_IN
Input Voltage
4.5
60
V
OUT,UVLO, PGOOD, FLT
0
60
V
OVP, dVdT, IMON, MODE,
SHDN
0
4
V
ILIM
Resistance
3
30
kΩ
IMON
1
kΩ
IN, P_IN, OUT
External Capacitance
0.1
µF
TJ
Operating Junction temperature
–40
25
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
TPS1663
UNIT
RGE (VSON)
PWP (HTSSOP)
24 PINS
20 PINS
RθJA
Junction-to-ambient thermal resistance
31.4
32.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
23.2
23.4
°C/W
RθJB
Junction-to-board thermal resistance
10.2
10
°C/W
ΨJT
Junction-to-top characterization parameter
0.3
0.3
°C/W
ΨJB
Junction-to-board characterization parameter
10.2
9.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.8
3.6
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com