Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTPS16632RGET Datasheet(PDF) 8 Page - Texas Instruments

Part # PTPS16632RGET
Description  60-V, 6-A Power Limiting eFuse
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTPS16632RGET Datasheet(HTML) 8 Page - Texas Instruments

Back Button PTPS16632RGET Datasheet HTML 4Page - Texas Instruments PTPS16632RGET Datasheet HTML 5Page - Texas Instruments PTPS16632RGET Datasheet HTML 6Page - Texas Instruments PTPS16632RGET Datasheet HTML 7Page - Texas Instruments PTPS16632RGET Datasheet HTML 8Page - Texas Instruments PTPS16632RGET Datasheet HTML 9Page - Texas Instruments PTPS16632RGET Datasheet HTML 10Page - Texas Instruments PTPS16632RGET Datasheet HTML 11Page - Texas Instruments PTPS16632RGET Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8
TPS1663
SLVSET9A – SEPTEMBER 2018 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TPS1663x is a family of high voltage industrial eFuses. It provides robust protection for all systems and
applications powered from 4.5 V to 60 V. For hot-pluggable boards, the device provides hot-swap power
management with in-rush current control and programmable output voltage slew rate features using the dVdT
pin. Load, source and device protections are provided with many programmable features including overcurrent,
overvoltage, undervoltage. The precision overcurrent limit (±10% at 6 A) helps to minimize over design of the
input power supply, while the fast response short circuit protection 300 ns (typical) immediately isolates the faulty
load from the input supply when a short circuit is detected. The TPS16632 device integrate adjustable output
power limiting (PLIM) functionality that simplifies the system design requiring compliance in accordance to
standards like IEC61010-1. The device provides precise monitoring of voltage bus for brown-out and overvoltage
conditions and asserts fault signal for the downstream system. The TPS1663x monitor functions threshold
accuracy of ±3% ensures tight supervision of the supply bus, eliminating the need for a separate supply voltage
supervisor chip.
Additional features of the TPS1663x include:
•
Current monitor output (IMON) for health monitoring of the system
•
A choice of latch off or automatic restart mode response during current limit, Power Limit and thermal fault
using MODE pin
•
PGOOD indicator output
•
Over temperature protection to safely shutdown in the event of an overcurrent event
•
De-glitched fault reporting for supply brown-out and overvoltage faults
•
Enable/Disable control from an MCU using SHDN pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com