Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOW292 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOW292
Description  100V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOW292 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOW292 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOW292 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOW292 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOW292 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOW292 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOW292 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AOW292
General Description
Product Summary
VDS
ID (at VGS=10V)
105A
RDS(ON) (at VGS=10V)
< 4.1mΩ
RDS(ON) (at VGS=6V)
< 4.9mΩ
Applications
100% UIS Tested
100% Rg Tested
Symbol
V
• Synchronus Rectification in DC/DC and AC/DC Converters
• Industrial and Motor Drive applications
100
Parameter
Drain-Source Voltage
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
Maximum
Units
AOW292
TO-262
Tube
1000
100V N-Channel MOSFET
Orderable Part Number
Package Type
Form
Minimum Order Quantity
100V
• Trench Power MV MOSFET technology
• Low RDS(ON)
• Low Gate Charge
• Optimized for fast-switching applications
Top View
TO-262
Bottom View
G
D
S
D
D
G
D
S
S D
G
VDS
VGS
IDM
IAS
Avalanche energy
L=0.1mH
C
EAS
VDS Spike
VSPIKE
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
Power Dissipation
B
150
TC=100°C
10µs
PD
100
120
300
Gate-Source Voltage
Pulsed Drain Current
C
105
Drain-Source Voltage
Continuous Drain
Current
G
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
0.35
65
0.5
V
A
±20
V
W
ID
V
A
60
A
420
IDSM
11.5
mJ
180
14.5
105
Maximum Junction-to-Ambient
A
°C/W
RθJA
15
55
20
Thermal Characteristics
Parameter
Max
TA=70°C
1.2
°C
Units
Junction and Storage Temperature Range
-55 to 175
Typ
PDSM
W
TA=25°C
1.9
Power Dissipation
A
TA=25°C
TA=70°C
TC=25°C
TC=100°C
TC=25°C
Avalanche Current
C
Continuous Drain
Current
Rev.1.0: February 2015
www.aosmd.com
Page 1 of 6


Similar Part No. - AOW292

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOW292 ISC-AOW292 Datasheet
327Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - AOW292

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
100V N-Channel MOSFET
AOB410L AOSMD-AOB410L Datasheet
319Kb / 7P
100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
100V N-Channel MOSFET
AON6450 AOSMD-AON6450_11 Datasheet
279Kb / 7P
100V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com