Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29SL400CB110EC Datasheet(PDF) 14 Page - SPANSION

Part # AM29SL400CB110EC
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29SL400CB110EC Datasheet(HTML) 14 Page - SPANSION

Back Button AM29SL400CB110EC Datasheet HTML 10Page - SPANSION AM29SL400CB110EC Datasheet HTML 11Page - SPANSION AM29SL400CB110EC Datasheet HTML 12Page - SPANSION AM29SL400CB110EC Datasheet HTML 13Page - SPANSION AM29SL400CB110EC Datasheet HTML 14Page - SPANSION AM29SL400CB110EC Datasheet HTML 15Page - SPANSION AM29SL400CB110EC Datasheet HTML 16Page - SPANSION AM29SL400CB110EC Datasheet HTML 17Page - SPANSION AM29SL400CB110EC Datasheet HTML 18Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
12
March 3, 2005
Ad vance
Inform ati o n
priate highest order address bits (see Table 2 on
page 11 and Table 3 on page 11). Table 4 shows the
remaining address bits that are don’t care. When all
necessary bits have been set as required, the pro-
gramming equipment may then read the corre-
sponding identifier code on DQ7–DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Table 5 on page 18.
This method does not require VID. See Command
Definitions‚ on page 18 for details on using the au-
toselect mode.
Table 4. Am29SL400C Autoselect Codes (High Voltage Method)
L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don’t care.
Sector Protection/Unprotection
The hardware sector protection feature disables both
program and erase operations in any sector. The
hardware sector unprotection feature re-enables
both program and erase operations in previously
protected sectors. Sector protection/unprotection
can be implemented via two methods.
Sector protection/unprotection requires VID on the
RESET# pin only, and can be implemented either
in-system or via programming equipment. Figure 2‚
on page 14 shows the algorithms and Figure 24‚ on
page 37 shows the timing diagram. This method
uses standard microprocessor bus cycle timing. For
sector unprotect, all unprotected sectors must first
be protected prior to the first sector unprotect write
cycle.
The device is shipped with all sectors unprotected.
AMD offers the option of programming and protect-
ing sectors at its factory prior to shipping the device
through AMD’s ExpressFlash™ Service. Contact an
AMD representative for details.
It is possible to determine whether a sector is pro-
tected or unprotected. See Autoselect Mode‚ on
page 11 for details.
Temporary Sector Unprotect
This feature allows temporary unprotection of previ-
ously protected sectors to change data in-system.
The Sector Unprotect mode is activated by setting
the RESET# pin to VID. During this mode, formerly
protected sectors can be programmed or erased by
selecting the sector addresses. Once VID is removed
from the RESET# pin, all the previously protected
sectors are protected again. Figure 3‚ on page 16
shows the algorithm, and Figure 22 shows the timing
diagrams, for this feature.
Description
Mode
CE#
OE# WE#
A17
to
A12
A11
to
A10
A9
A8
to
A7
A6
A5
to
A2
A1
A0
DQ8
to
DQ15
DQ7
to
DQ0
Manufacturer ID: AMD
L
L
H
X
X
VID
XL
XL
L
X
01h
Device ID:
Am29SL400C
(Top Boot Block)
Word
L
L
H
XX
VID
XL
XL
H
22h
70h
Byte
L
L
H
X
70h
Device ID:
Am29SL400C
(Bottom Boot
Block)
Word
L
L
H
XX
VID
XL
XL
H
22h
F1h
Byte
L
L
H
X
F1h
Sector Protection
Verification
LL
H
SA
X
VID
XL
X
H
L
X
01h
(protected)
X
00h
(unprotected
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com