Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29SL400CB110EC Datasheet(PDF) 16 Page - SPANSION

Part # AM29SL400CB110EC
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29SL400CB110EC Datasheet(HTML) 16 Page - SPANSION

Back Button AM29SL400CB110EC Datasheet HTML 12Page - SPANSION AM29SL400CB110EC Datasheet HTML 13Page - SPANSION AM29SL400CB110EC Datasheet HTML 14Page - SPANSION AM29SL400CB110EC Datasheet HTML 15Page - SPANSION AM29SL400CB110EC Datasheet HTML 16Page - SPANSION AM29SL400CB110EC Datasheet HTML 17Page - SPANSION AM29SL400CB110EC Datasheet HTML 18Page - SPANSION AM29SL400CB110EC Datasheet HTML 19Page - SPANSION AM29SL400CB110EC Datasheet HTML 20Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
14
March 3, 2005
Ad vance
Inform ati o n
Figure 2. Temporary Sector Unprotect
Operation
Hardware Data Protection
The command sequence requirement of unlock cy-
cles for programming or erasing provides data pro-
tection against inadvertent writes (refer to Table 5
on page 18 for command definitions). In addition,
the following hardware data protection measures
prevent accidental erasure or programming, which
might otherwise be caused by spurious system level
signals during VCC power-up and power-down transi-
tions, or from system noise.
Low VCC Write Inhibit
When VCC is less than VLKO, the device does not ac-
cept any write cycles. This protects data during VCC
power-up and power-down. The command register
and all internal program/erase circuits are disabled,
and the device resets. Subsequent writes are ig-
nored until VCC is greater than VLKO. The system
must provide the proper signals to the control pins to
prevent unintentional writes when VCC is greater
than VLKO.
Write Pulse “Glitch” Protection
Noise pulses of less than 5 ns (typical) on OE#, CE#
or WE# do not initiate a write cycle.
Logical Inhibit
Write cycles are inhibited by holding any one of OE#
= VIL, CE# = VIH or WE# = VIH. To initiate a write
cycle, CE# and WE# must be a logical zero while
OE# is a logical one.
Power-Up Write Inhibit
If WE# = CE# = VIL and OE# = VIH during power
up, the device does not accept commands on the ris-
ing edge of WE#. The internal state machine is auto-
matically reset to reading array data on power-up.
Command Definitions
Writing specific address and data commands or se-
quences into the command register initiates device
operations. Table 5 on page 18 defines the valid reg-
ister command sequences. Writing incorrect ad-
dress and data values or writing them in the
improper sequence resets the device to reading
array data.
All addresses are latched on the falling edge of WE#
or CE#, whichever happens later. All data is latched
on the rising edge of WE# or CE#, whichever hap-
pens first. Refer to the appropriate timing diagrams
in the AC Characteristics section.
Reading Array Data
The device is automatically set to reading array data
after device power-up. No commands are required to
retrieve data. The device is also ready to read array
data after completing an Embedded Program or Em-
bedded Erase algorithm.
After the device accepts an Erase Suspend com-
mand, the device enters the Erase Suspend mode.
The system can read array data using the standard
read timings, except that if it reads at an address
within erase-suspended sectors, the device outputs
status data. After completing a programming opera-
tion in the Erase Suspend mode, the system may
once again read array data with the same exception.
See “Erase Suspend/Erase Resume Commands” for
more information on this mode.
The system must issue the reset command to re-en-
able the device for reading array data if DQ5 goes
high, or while in the autoselect mode. See the Reset
Command‚ on page 14 section, next.
See also Requirements for Reading Array Data‚ on
page 9 for more information. The Read Operations
table provides the read parameters, and Figure 14‚
on page 28 shows the timing diagram.
Reset Command
Writing the reset command to the device resets the
device to reading array data. Address bits are don’t
care for this command.
The reset command may be written between the se-
quence cycles in an erase command sequence before
erasing begins. This resets the device to reading
array data. Once erasure begins, however, the de-
START
Perform Erase or
Program Operations
RESET# = VIH
Temporary Sector
Unprotect Completed
(Note 2)
RESET# = VID
(Note 1)
Notes:
1. All protected sectors unprotected.
2. All previously protected sectors are protected once
again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com