Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29SL400CB110EC Datasheet(PDF) 21 Page - SPANSION

Part # AM29SL400CB110EC
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29SL400CB110EC Datasheet(HTML) 21 Page - SPANSION

Back Button AM29SL400CB110EC Datasheet HTML 17Page - SPANSION AM29SL400CB110EC Datasheet HTML 18Page - SPANSION AM29SL400CB110EC Datasheet HTML 19Page - SPANSION AM29SL400CB110EC Datasheet HTML 20Page - SPANSION AM29SL400CB110EC Datasheet HTML 21Page - SPANSION AM29SL400CB110EC Datasheet HTML 22Page - SPANSION AM29SL400CB110EC Datasheet HTML 23Page - SPANSION AM29SL400CB110EC Datasheet HTML 24Page - SPANSION AM29SL400CB110EC Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
March 3, 2005
19
Ad vance
Inform ati o n
subsections describe the functions of these bits.
DQ7, RY/BY#, and DQ6 each offer a method for de-
termining whether a program or erase operation is
complete or in progress. These three bits are dis-
cussed first.
DQ7: Data# Polling
The Data# Polling bit, DQ7, indicates to the host sys-
tem whether an Embedded Algorithm is in progress
or completed, or whether the device is in Erase Sus-
pend. Data# Polling is valid after the rising edge of
the final WE# pulse in the program or erase com-
mand sequence.
During the Embedded Program algorithm, the device
outputs on DQ7 the complement of the datum pro-
grammed to DQ7. This DQ7 status also applies to
programming during Erase Suspend. When the Em-
bedded Program algorithm is complete, the device
outputs the datum programmed to DQ7. The system
must provide the program address to read valid sta-
tus information on DQ7. If a program address falls
within a protected sector, Data# Polling on DQ7 is
active for approximately 1 µs, then the device re-
turns to reading array data.
During the Embedded Erase algorithm, Data# Polling
produces a 0 on DQ7. When the Embedded Erase al-
gorithm is complete, or if the device enters the Erase
Suspend mode, Data# Polling produces a 1 on DQ7.
This is analogous to the complement/true datum
output described for the Embedded Program algo-
rithm: the erase function changes all the bits in a
sector to 1; prior to this, the device outputs the
complement, or 0. The system must provide an ad-
dress within any of the sectors selected for erasure
to read valid status information on DQ7.
After an erase command sequence is written, if all
sectors selected for erasing are protected, Data#
Polling on DQ7 is active for approximately 100 µs,
then the device returns to reading array data. If not
all selected sectors are protected, the Embedded
Erase algorithm erases the unprotected sectors, and
ignores the selected sectors that are protected.
When the system detects DQ7 has changed from the
complement to true data, it can read valid data at
DQ7–DQ0 on the following read cycles. This is be-
cause DQ7 may change asynchronously with
DQ0–DQ6 while Output Enable (OE#) is asserted
low. Figure 19‚ on page 33 Data# Polling Timings
(During Embedded Algorithms), illustrates this.
Table 6 on page 22 shows the outputs for Data#
Polling on DQ7. Figure 5 shows the Data# Polling al-
gorithm.
RY/BY#: Ready/Busy#
The RY/BY# is a dedicated, open-drain output pin
that indicates whether an Embedded Algorithm is in
progress or complete. The RY/BY# status is valid
after the rising edge of the final WE# pulse in the
command sequence. Since RY/BY# is an open-drain
output, several RY/BY# pins can be tied together in
parallel with a pull-up resistor to VCC.
If the output is low (Busy), the device is actively
erasing or programming. (This includes program-
DQ7 = Data?
Yes
No
No
DQ5 = 1?
No
Yes
Yes
FAIL
PASS
Read DQ7–DQ0
Addr = VA
Read DQ7–DQ0
Addr = VA
DQ7 = Data?
START
Notes:
1. VA = Valid address for programming. During a sector
erase operation, a valid address is an address within any
sector selected for erasure. During chip erase, a valid
address is any non-protected sector address.
2. DQ7 should be rechecked even if DQ5 = 1 because DQ7
may change simultaneously with DQ5.
Figure 5. Data# Polling Algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com