Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29SL400CB110EC Datasheet(PDF) 18 Page - SPANSION

Part # AM29SL400CB110EC
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29SL400CB110EC Datasheet(HTML) 18 Page - SPANSION

Back Button AM29SL400CB110EC Datasheet HTML 14Page - SPANSION AM29SL400CB110EC Datasheet HTML 15Page - SPANSION AM29SL400CB110EC Datasheet HTML 16Page - SPANSION AM29SL400CB110EC Datasheet HTML 17Page - SPANSION AM29SL400CB110EC Datasheet HTML 18Page - SPANSION AM29SL400CB110EC Datasheet HTML 19Page - SPANSION AM29SL400CB110EC Datasheet HTML 20Page - SPANSION AM29SL400CB110EC Datasheet HTML 21Page - SPANSION AM29SL400CB110EC Datasheet HTML 22Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
16
March 3, 2005
Ad vance
Inform ati o n
Note: See Table 5 for program command sequence.
Figure 3. Program Operation
Chip Erase Command Sequence
Chip erase is a six bus cycle operation. The chip
erase command sequence is initiated by writing two
unlock cycles, followed by a set-up command. Two
additional unlock write cycles are then followed by
the chip erase command, which in turn invokes the
Embedded Erase algorithm. The device does not re-
quire the system to preprogram prior to erase. The
Embedded Erase algorithm automatically prepro-
grams and verifies the entire memory for an all zero
data pattern prior to electrical erase. The system is
not required to provide any controls or timings dur-
ing these operations. Table 5 on page 18 shows the
address and data requirements for the chip erase
command sequence.
Any commands written to the chip during the Em-
bedded Erase algorithm are ignored. Note that a
hardware reset during the chip erase operation im-
mediately terminates the operation. The Chip Erase
command sequence should be reinitiated once the
device has returned to reading array data, to ensure
data integrity The system can determine the status
of the erase operation by using DQ7, DQ6, DQ2, or
RY/BY#. See Write Operation Status‚ on page 18 for
information on these status bits. When the Embed-
ded Erase algorithm is complete, the device returns
to reading array data and addresses are no longer
latched.
Figure 4‚ on page 17 illustrates the algorithm for the
erase operation. See Erase/Program Operations‚ on
page 30 for parameters, and to Figure 18 for timing
diagrams.
Sector Erase Command Sequence
Sector erase is a six bus cycle operation. The sector
erase command sequence is initiated by writing two
unlock cycles, followed by a set-up command. Two
additional unlock write cycles are then followed by
the address of the sector to be erased, and the sec-
tor erase command. Table 5 on page 18 shows the
address and data requirements for the sector erase
command sequence.
The device does not require the system to prepro-
gram the memory prior to erase. The Embedded
Erase algorithm automatically programs and verifies
the sector for an all zero data pattern prior to electri-
cal erase. The system is not required to provide any
controls or timings during these operations.
After the command sequence is written, a sector
erase time-out of 50 µs begins. During the time-out
period, additional sector addresses and sector erase
commands may be written. Loading the sector erase
buffer may be done in any sequence, and the num-
ber of sectors may be from one sector to all sectors.
The time between these additional cycles must be
less than 50 µs, otherwise the last address and com-
mand might not be accepted, and erasure may be-
gin. It is recommended that processor interrupts be
disabled during this time to ensure all commands are
accepted. The interrupts can be re-enabled after the
last Sector Erase command is written. If the time be-
tween additional sector erase commands can be as-
sumed to be less than 50 µs, the system need not
monitor DQ3. Any command other than Sector
Erase or Erase Suspend during the time-out pe-
riod resets the device to reading array data.
The system must rewrite the command sequence
and any additional sector addresses and commands.
The system can monitor DQ3 to determine if the sec-
tor erase timer has timed out. (See the “DQ3: Sector
Erase Timer” section.) The time-out begins from the
rising edge of the final WE# pulse in the command
sequence.
Once the sector erase operation has begun, only the
Erase Suspend command is valid. All other com-
mands are ignored. Note that a hardware reset
during the sector erase operation immediately termi-
nates the operation. The Sector Erase command se-
quence should be reinitiated once the device has
returned to reading array data, to ensure data integ-
rity.
START
Write Program
Command Sequence
Data Poll
from System
Verify Data?
No
Yes
Last Address?
No
Yes
Programming
Completed
Increment Address
Embedded
Program
algorithm
in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com