Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCL5811G-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UCL5811G-S08-R
Description  PSR & PFC LED DRIVER CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCL5811G-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UCL5811G-S08-R Datasheet HTML 1Page - Unisonic Technologies UCL5811G-S08-R Datasheet HTML 2Page - Unisonic Technologies UCL5811G-S08-R Datasheet HTML 3Page - Unisonic Technologies UCL5811G-S08-R Datasheet HTML 4Page - Unisonic Technologies UCL5811G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UCL5811
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R125-060.a
MARKING
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
COMP
Loop compensation pin. Connect a RC network across this pin and ground to stabilize the
control loop.
2
FB
Detect output diode zero current to regulate output current. Connected to a resistor divider
for sensing the reflected voltage from auxiliary winding.
3
CS
Current sense pin, a resistor connects to sense the MOSFET current.
4
GND
Power Ground.
5
DRV
Output to drive the external power MOSFET, Maximum Voltage is internally clamped to
18V.
6
VDD
Power Supply pin.
7,8
NC
No connect.
BLOCK DIAGRAM
Reference
FB
Logic
OVP_CMP
SCP_CMP
GM
QR_OSC
S
R
DRV
OTP
OVP
UVLO
FB_CLAMP
DETECT_TOFF
3.6V
LEB
CS_LIMIT
+
-
1.2V
+
-
DRV
5
GND
4
3
1
2
6
COMP
CS
VDD
ZVD



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com