Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCL5811G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UCL5811G-S08-R
Description  PSR & PFC LED DRIVER CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCL5811G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UCL5811G-S08-R Datasheet HTML 1Page - Unisonic Technologies UCL5811G-S08-R Datasheet HTML 2Page - Unisonic Technologies UCL5811G-S08-R Datasheet HTML 3Page - Unisonic Technologies UCL5811G-S08-R Datasheet HTML 4Page - Unisonic Technologies UCL5811G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UCL5811
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R125-060.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum supply voltage on VDD pin
VDD
28
V
Input Voltage to FB Pin
VFB
-0.3 ~ 6
V
Input Voltage to CS Pin
VCS
-0.3 ~ 6
V
Input Voltage to CMP Pin
VCMP
-0.3 ~ 6
V
Maximum Operating Junction Temperature
TJ
+125
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TC=25°C and VDD=15V unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
VDD Pin
Operating Supply Current
IOP
Gate open
1
mA
On Threshold Voltage
VDD_ON
16
Off Threshold Voltage
VDD_OFF
9
V
Logic Reset VDD Threshold Voltage
VDD_RST
6
V
VDD Over Voltage Protection Level
VDD_OVP
25
V
FB Pin
FB Voltage When Sink Current
VFB_SINK
2mA sink current
5
V
FB Voltage When Source Current
VFB_SOURCE
4mA source current
-0.1
GND +0.1
V
FB Zero Voltage Detect
VFB_ZVD
0.2
V
FB Voltage When Output OVP
VFB_OVP
3.6
V
FB Voltage When Trigger SCP
VFB_SCP
1
V
CS Pin
Cycle by Cycle Current Limited on CS
VCS
FB=0V
1
V
Inner CS Voltage Vary with FB Source
Current
∆VCS/∆IFB
TBD
mV/mA
Leading-Edge Blanking Time
TLEB
300
400
500
ns
COMP Pin
Reference Voltage for OTA Input
VREF
0.2
V
COMP Maximal Sink Current
ICOMP_SINK
50
uA
COMP Maximal Source Current
ICOMP_SOURCE
10
uA
COMP Maximal Voltage
VCOMP_MAX
4.0
V
Oscillator
Maximal Frequency
FOSC_MAX
130
kHz
Minimal Frequency
FOSC_MIN
30
kHz
DRV pin
Rise Time
TRise
CL=1nF
200
ns
Fall Time
TFall
CL=1nF
100
ns
Over Temperature Drive Protection
Over Temperature Protection
TOTP
145
°C
OTP Hysteresis
TOTP_HYS
20
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com