Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCL5811G-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UCL5811G-S08-R
Description  PSR & PFC LED DRIVER CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCL5811G-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UCL5811G-S08-R Datasheet HTML 1Page - Unisonic Technologies UCL5811G-S08-R Datasheet HTML 2Page - Unisonic Technologies UCL5811G-S08-R Datasheet HTML 3Page - Unisonic Technologies UCL5811G-S08-R Datasheet HTML 4Page - Unisonic Technologies UCL5811G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UCL5811
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R125-060.a
FUNCTIONAL DESCRIPTION
Operating Description
The UTC UCL5811 is a primary side control offline LED controller that incorporates all the features for high
performance LED lighting. LED current can be accurately controlled with the real current control method form the
primary side information. Active Power Factor Correction (PFC) is included to eliminate the unwanted harmonic
noise injected onto the AC line.
Startup
During start-up, the current can charge up the VDD hold capacitor. the turn-on and turn on and turn-off thresholds
of UTC UCL5811 are approximately 15V and 9V respectively. The 6V hysteresis voltage is implemented to prevent
shutdown from a voltage dip during start-up.
Quasi Resonance mode (QRM)
During the external power MOSFET on time (TON) the rectified input voltage is applied across the primary side
inductor (LM) and the primary current increases linearly from zero to the peak value (IPK). When the external power
MOSFET turns off, the energy stored in the inductor forces the secondary side diode to be turn-on, and the current
of the inductor begins to decrease linearly from the peak value to zero. When the current decreases to zero, the
parasitic resonant of inductor and all the parasitic capacitance makes the power MOSFET drain-source voltage
decrease, this decreasing is also reflected on the auxiliary winding. The zero-current detector in FB pin generates
the turn on signal of the external MOSFET when the FB voltage is lower than 0.2V and ensures the MOSFET turn on
at a valley voltage.
As a result, there are virtually no primary switch turn-on losses and no secondary diode reverse-recover losses. It
ensures high efficiency and low EMI noise.
Active Power Factor Correction (APFC)
UTC UCL5811 is designed with quasi-resonance and constant on time (TON) to achieve high power factor under
normal operation. The on time of UTC UCL5811 vary with input AC voltage VPsinωt and load condition and its value
is constant basically because of very large loop compensation capacitance on COMP pin. According to following
equations.
OSC
2
on
m
avg
L
on
m
peak
L
T
1
T
L
*
2
t
Vpsin
I
T
L
t
Vpsin
I
The peak current IL_peak and average current IL_avg of transformer will be shaped as AC input sinusoid too because
(TON) and fOSC both are constant and then high power factor can be achieved.
Real Current Regulator without Secondary Feedback
The proprietary real current control method allows the UTC UCL5811 to accurately control the secondary side
LED current from the primary side informatio. The output LED mean current can be calculated approximately as:
s
p
REF
CS
OUT
N
N
V
R
*
5
1
2
1
I
Where IOUT is the secondary output current of LED, VREF is the inner reference voltage. NP is number of turns of
primary winding and NS is number of turns of the secondary winding.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com