Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCL5811G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UCL5811G-S08-R
Description  PSR & PFC LED DRIVER CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCL5811G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UCL5811G-S08-R Datasheet HTML 1Page - Unisonic Technologies UCL5811G-S08-R Datasheet HTML 2Page - Unisonic Technologies UCL5811G-S08-R Datasheet HTML 3Page - Unisonic Technologies UCL5811G-S08-R Datasheet HTML 4Page - Unisonic Technologies UCL5811G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UCL5811
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R125-060.a
PSR & PFC LED DRIVER
CONTROLLER
DESCRIPTION
The UTC UCL5811 is a single-power stage, isolated and primary
side offline LED lighting regulator which achieves high power factor.
The proprietary real-current control method can control the LED
current accurately from the primary side information. It can
significantly simplify the LED lighting system design by eliminating the
feedback components and the opto-coupler.
The UTC UCL5811 integrates active power factor correction and
works in Quasi Resonance mode (QRM) in order to reduce the
MOSFET switching losses. With a building in 700V start-up MOSFET,
IC can eliminate the power loss caused by start-up resistors to provide
a high efficiency solution for lighting applications. The external
programmable line voltage compensation provides a more precise
output current throughout the universal AC input voltage range. The
leading edge blanking circuit on the CS/FB input removes the signal
glitch and results in reduced external components and system cost.
The multi-protection features of UTC UCL5811 greatly enhance the
system reliability and safety.
The UTC UCL5811 VDD and output over voltage protection; output
short circuit protection, cycle-by-cycle current limit and secondary
peak current protection on CS pin, VDD UVLO andauto-restart and
over-temperature protection.The driver output voltage is clamped at
18V to protect the external power MOSFET.
FEATURES
SOP-8
* Single stage PFC
* Primary side regulation without Secondary Feedback
* Quasi Resonance (QR) mode with Fly-back topology
* Real-Current control to meet accurate output current
* Very less components
* Programmable input AC compensation
* Leading Edge Blanking on CS/FB pin
* Building in hysteresis OTP
* VDD over voltage protection
* Cycle by cycle current limiting on CS pin
* Secondary peak current protection on CS pin
* Output short to GND protection
* Output programmable over voltage protection
* FB and CS pins default protection
ORDERING INFORMATION
Ordering Number
Package
Packing
UCL5811G-S08-R
SOP-8
Tape Reel


Similar Part No. - UCL5811G-S08-R

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UCL NICHICON-UCL Datasheet
669Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UCL0J101MCL1GS NICHICON-UCL0J101MCL1GS Datasheet
669Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UCL0J101MCL6GS NICHICON-UCL0J101MCL6GS Datasheet
669Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UCL0J102MNL1GS NICHICON-UCL0J102MNL1GS Datasheet
669Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UCL0J152MNL1GS NICHICON-UCL0J152MNL1GS Datasheet
669Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UCL5811G-S08-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92210 TI-TPS92210 Datasheet
530Kb / 25P
NATURAL PFC LED LIGHTING DRIVER CONTROLLER
TPS92210 TI1-TPS92210_10 Datasheet
575Kb / 29P
NATURAL PFC LED LIGHTING DRIVER CONTROLLER
logo
Unisonic Technologies
UPSD1630 UTC-UPSD1630 Datasheet
198Kb / 6P
PSR, SINGLE STAGE, AC-DC LED DRIVER WITH ACTIVE PFC
logo
Infineon Technologies A...
ICL5101 INFINEON-ICL5101_15 Datasheet
1Mb / 44P
Resonant controller IC with PFC for LED driver
Rev. 1.2, 2015-09-23
logo
Texas Instruments
TPS92210 TI1-TPS92210_17 Datasheet
813Kb / 30P
NATURAL PFC LED LIGHTING DRIVER CONTROLLER
logo
Diodes Incorporated
AL1771 DIODES-AL1771 Datasheet
622Kb / 24P
PFC CONTROLLER SINGLE/DUAL DIMMABLE LINEAR LED DRIVER
Rev 1
logo
Linkage Goston Electron...
SM7650 LINKAGE-SM7650 Datasheet
2Mb / 7P
BOOST _ PFC PSR composite flow controller
logo
Bright Power Semiconduc...
BP3339 BPS-BP3339 Datasheet
410Kb / 2P
High PF PSR LED Driver Controller
logo
Princeton Technology Co...
RS2335 PTC-RS2335 Datasheet
145Kb / 4P
PSR and Single Stage PFC Controller for LED Lighting
logo
Infineon Technologies A...
ICL5101 INFINEON-ICL5101 Datasheet
1Mb / 44P
Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com