Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX187 Datasheet(PDF) 24 Page - Texas Instruments

Part # OPAX187
Description  0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPAX187 Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPAX187 Datasheet HTML 20Page - Texas Instruments OPAX187 Datasheet HTML 21Page - Texas Instruments OPAX187 Datasheet HTML 22Page - Texas Instruments OPAX187 Datasheet HTML 23Page - Texas Instruments OPAX187 Datasheet HTML 24Page - Texas Instruments OPAX187 Datasheet HTML 25Page - Texas Instruments OPAX187 Datasheet HTML 26Page - Texas Instruments OPAX187 Datasheet HTML 27Page - Texas Instruments OPAX187 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
DAC8581
Input = ± 5V
C2
500 nF
OPA187
±15V
±
+
+15V
R2
1 k
R1
10 k
GND
R3
10 k
OPA548
±30V
±
+
+30V
R4
40 k
C1
500 nF
VOUT
Output = ± 25V
Copyright © 2016, Texas Instruments Incorporated
15 V
RIN
RF
RSHUNT
100 m
Load
ILOAD
V
VOUT
VOUT = ILOAD * RSHUNT(1 + RF / RIN)
VOUT / ILOAD= 1 V / 49.75 mA
100
20 k
CF
150
pF
Copyright © 2016, Texas Instruments Incorporated
OPA187
24
OPA187, OPA2187, OPA4187
SBOS807B – DECEMBER 2016 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: OPA187 OPA2187 OPA4187
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
8.2.4 Low-Side Current Monitor
Figure 45 shows the OPAx187 configured in a low-side current-sensing application. The load current (ILOAD)
creates a voltage drop across the shunt resistor (RSHUNT). This voltage is amplified by the OPAx187, with a gain
of 201. The load current is set from 0 A to 500 mA, which corresponds to an output voltage range from 0 V to 10
V. The output range can be adjusted by changing the shunt resistor or gain of the configuration. Click the
following link to download the TINA-TI file: Current-Sensing Circuit.
Figure 45. Low-Side Current Monitor
8.2.5 Programmable Power Supply
Figure 46 shows the OPAx187 configured as a precision programmable power supply using the 16-bit, voltage
output DAC8581 and the OPA548 high-current amplifier. This application amplifies the digital-to-analog converter
(DAC) voltage by a value of five, and handles a large variety of capacitive and current loads. The OPAx187 in
the front-end provides precision and low drift across a wide range of inputs and conditions. Click the following
link to download the TINA-TI file: Programmable Power-Supply Circuit.
Figure 46. Programmable Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com