Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX187 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPAX187
Description  0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPAX187 Datasheet(HTML) 1 Page - Texas Instruments

  OPAX187 Datasheet HTML 1Page - Texas Instruments OPAX187 Datasheet HTML 2Page - Texas Instruments OPAX187 Datasheet HTML 3Page - Texas Instruments OPAX187 Datasheet HTML 4Page - Texas Instruments OPAX187 Datasheet HTML 5Page - Texas Instruments OPAX187 Datasheet HTML 6Page - Texas Instruments OPAX187 Datasheet HTML 7Page - Texas Instruments OPAX187 Datasheet HTML 8Page - Texas Instruments OPAX187 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
RSHUNT
+
±
GND
VSUPPLY
100
100
OPA187
GND
VSUPPLY
I
I
Load
G = 1000 ‡ 5SHUNT ‡ ,
100 k
VOUT
100 k
GND
±
+
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
OPA187, OPA2187, OPA4187
SBOS807B – DECEMBER 2016 – REVISED OCTOBER 2018
OPAx187 0.001-µV/°C Drift, Low Power, Rail-to-Rail Output
36-V Operational Amplifiers Zero-Drift Series
1
1 Features
1
•
Low Offset Voltage: 10 µV (maximum)
•
Zero Drift: 0.001 µV/°C
•
Low Noise: 20 nV/
√Hz
•
PSRR: 160 dB
•
CMRR: 140 dB
•
AOL: 160 dB
•
Quiescent Current: 100 µA
•
Wide Supply Voltage: ±2.25 V to ±18 V
•
Rail-to-Rail Output Operation
•
Input Includes Negative Rail
•
Low Bias Current: 100 pA (typical)
•
EMI Filtered Inputs
•
Microsize Packages
2 Applications
•
Bridge Amplifier
•
Strain Gauge
•
Test and Measurement Equipment
•
Transducer Application
•
Temperature Measurement
•
Electronic Scales
•
Medical Instrumentation
•
RTD Amplifier
•
Precision Active Filters
•
Low-Side Current Monitoring
3 Description
The OPAx187 series operational amplifiers use auto-
zeroing techniques to simultaneously provide low-
offset voltage (1 µV), and near zero drift over time
and temperature. These miniature, high-precision,
low-quiescent
current
amplifiers
offer
high-input
impedance and rail-to-rail output swing within 5 mV of
the rails into high-impedance loads. The input
common-mode range includes the negative rail.
Either single or dual supplies can be used in the
range of 4.5 V to 36 V (±2.25 V to ±18 V).
The single version of the OPAx187 device is
available in Microsize 8-pin VSSOP, 5-pin SOT-23,
and 8-pin SOIC packages. The dual version is offered
in 8-pin VSSOP and 8-pin SOIC packages. The quad
version is offered in 14-pin SOIC, 14-pin TSSOP, and
16-pin WQFN packages. All versions are specified for
operation from –40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA187
SOIC (8) (Preview) 4.90 mm × 3.91 mm
SOT-23 (5)
2.90 mm × 1.60 mm
VSSOP (8)
3.00 mm × 3.00 mm
OPA2187
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)
3.00 mm × 3.00 mm
OPA4187
SOIC (14)
(Preview)
8.70 mm × 3.90 mm
TSSOP (14)
(Preview)
5.00 mm × 4.40 mm
WQFN (16)
(Preview)
4.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
OPAx187 Offers Precision Low-Side Current Measurement Capability


Similar Part No. - OPAX187

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPAX187 TI1-OPAX187 Datasheet
2Mb / 46P
OPAx187 0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPAX187 TI1-OPAX187 Datasheet
2Mb / 49P
OPAx187 0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPAX187 TI2-OPAX187 Datasheet
2Mb / 54P
OPAx187 0.001-μV/°C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
REVISED MAY 2020
More results

Similar Description - OPAX187

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180 TI-OPA2180_13 Datasheet
1Mb / 27P
0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180 TI-OPA180 Datasheet
1Mb / 38P
OPAx180 0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA2188 TI-OPA2188_15 Datasheet
1Mb / 28P
0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA187 TI1-OPA187_17 Datasheet
1Mb / 35P
Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187_1812 TI1-OPA187_1812 Datasheet
2Mb / 43P
0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187 TI-OPA187_19 Datasheet
2Mb / 45P
0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187 TI1-OPA187_V01 Datasheet
2Mb / 46P
OPAx187 0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187 TI1-OPA187_V02 Datasheet
2Mb / 49P
OPAx187 0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com