Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX187 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPAX187
Description  0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPAX187 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPAX187 Datasheet HTML 6Page - Texas Instruments OPAX187 Datasheet HTML 7Page - Texas Instruments OPAX187 Datasheet HTML 8Page - Texas Instruments OPAX187 Datasheet HTML 9Page - Texas Instruments OPAX187 Datasheet HTML 10Page - Texas Instruments OPAX187 Datasheet HTML 11Page - Texas Instruments OPAX187 Datasheet HTML 12Page - Texas Instruments OPAX187 Datasheet HTML 13Page - Texas Instruments OPAX187 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
±5
±4
±3
±2
±1
0
1
2
3
4
5
0.0
2.0
4.0
6.0
8.0
10.0 12.0 14.0 16.0 18.0 20.0
V
SUPPLY (V)
C001
V
S = ± 2.25 V
-45
0
45
90
135
±40
±20
0
20
40
60
80
100
120
140
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
C001
Open-loop Gain
Phase
±10
±8
±6
±4
±2
0
2
4
6
8
10
±20
±15
±10
±5
0
5
10
15
20
V
CM (V)
C003
V
CM = ±18.1 V
V
CM = 16 V
±10
±8
±6
±4
±2
0
2
4
6
8
10
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
0
2
4
6
8
10
12
14
16
18
20
Offset Voltage (µV)
C002
Offset Voltage Drift (PV/qC)
-0.015
-0.01
-0.005
0
0.005
0.01
0.015
0
5%
10%
15%
10
OPA187, OPA2187, OPA4187
SBOS807B – DECEMBER 2016 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: OPA187 OPA2187 OPA4187
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
at VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Figure 1. Offset Voltage Production Distribution
Figure 2. Offset Voltage Drift Distribution
Figure 3. Offset Voltage vs Temperature
Figure 4. Offset Voltage vs Common-Mode Voltage
Figure 5. Offset Voltage vs Power Supply
Figure 6. Open-Loop Gain and Phase vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com