Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX187 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPAX187
Description  0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPAX187 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPAX187 Datasheet HTML 7Page - Texas Instruments OPAX187 Datasheet HTML 8Page - Texas Instruments OPAX187 Datasheet HTML 9Page - Texas Instruments OPAX187 Datasheet HTML 10Page - Texas Instruments OPAX187 Datasheet HTML 11Page - Texas Instruments OPAX187 Datasheet HTML 12Page - Texas Instruments OPAX187 Datasheet HTML 13Page - Texas Instruments OPAX187 Datasheet HTML 14Page - Texas Instruments OPAX187 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
0.001
0.01
0.1
1
120
130
140
150
160
170
180
±75 ±50 ±25
0
25
50
75
100 125 150
Temperature (
ƒC)
C001
0
20
40
60
80
100
120
140
160
180
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
CMRR
+PSRR
±PSRR
C004
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
0
10
20
30
40
50
60
I
O (mA)
C001
125°C
25°C
±40°C
125°C
25°C
±40°C
0.0
2.5
5.0
7.5
10.0
12.5
15.0
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
ios
-40
-20
0
20
40
100
1k
10k
100k
1M
10M
Frequency (Hz)
G = +1
G= +10
G= -1
C004
±350
±250
±150
±50
50
150
250
350
±20
±15
±10
±5
0
5
10
15
20
V
CM (V)
C001
11
OPA187, OPA2187, OPA4187
www.ti.com
SBOS807B – DECEMBER 2016 – REVISED OCTOBER 2018
Product Folder Links: OPA187 OPA2187 OPA4187
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
at VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Figure 7. Closed-Loop Gain vs Frequency
Figure 8. IB vs Common-Mode Voltage
Figure 9. Input Bias Current vs Temperature
Figure 10. Output Voltage Swing vs Output Current
Figure 11. CMRR and PSRR vs Frequency
(Referred-to-Input)
Figure 12. CMRR vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com