Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE575U Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE575U
Description  350mA, Micropower, Very Low Dropout Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE575U Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE575U Datasheet HTML 1Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 2Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 3Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 4Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 5Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 6Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 7Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 8Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ACE575U
350mA, Micropower, Very Low Dropout Linear Regulator
VER 1.1
3
Packaging Type
SOT-23-5
DFN2*2-6L
Pin Configuration
SOT-23-5
DFN2*2-6L
Symbol
Function
Fixed VOUT
Adjustable
VOUT
Fixed VOUT
Adjustable
VOUT
1
1
3
3
IN
Power Supply
2
2
2
2
GND
Ground
3
3
1
1
SHDN
Shutdown Input:
Low=Shutdown LDO
4
5、6
5
NC
Not Connected
5
5
4
4
OUT
Voltage Regulated Output
4
6
FB
Output Voltage Feedback
Ordering information
ACE575UXX XX + H
BN: SOT-23-5
MN: DFN2*2-6L
Output Voltage:1.0V/1.1V/…/4.0V / Default: Adjustable Version
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com