Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE575U Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE575U
Description  350mA, Micropower, Very Low Dropout Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE575U Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE575U Datasheet HTML 1Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 2Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 3Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 4Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 5Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 6Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 7Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 8Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ACE575U
350mA, Micropower, Very Low Dropout Linear Regulator
VER 1.1
4
Typical Application
ACE575U Output Voltage Setting
The output voltage of the ACE575U adjustable regulator is programmed using an external resistor divider
as shown in Figure 2. The output voltage is calculated using:
Where: VFB=1.00V (Typ) (the internal reference voltage)
Resistors R1 and R2 should be chosen for approximately 3-
5μA divider current. Lower value resistors can
be used but offer no inherent advantage and waste more power. Higher values should be avoided, as
leakage currents at FB increase the output voltage error. The recommended design procedure is to
ch
oose R2=200kΩ to set the divider current at 5μA and then calculate R1 using:
Where: VFB=1.00V (Typ).
Figure 1. ACE575UXX Fixed VOUT Typical Application Circuit
Figure 2. ACE575U Adjustable VOUT Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com