Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE575U Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE575U
Description  350mA, Micropower, Very Low Dropout Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE575U Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE575U Datasheet HTML 1Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 2Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 3Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 4Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 5Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 6Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 7Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 8Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ACE575U
350mA, Micropower, Very Low Dropout Linear Regulator
VER 1.1
5
Electrical Characteristics
V SHDN =VIN=VOUT+1V, CIN=COUT
=1.0μF, T
A=25°C, unless noted.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
V
IN
Input Voltage Range
2.5
6.0
V
V
UVLO
Input Under Voltage Lockout
VIN Falling
1.8
2.4
V
IQ
Operating Quiescent Current
VIN=4.3V, IOUT=0mA
90
130
μA
VIN=4.3V, IOUT=350mA
190
300
I
SHDN
Shutdown Leakage Current
1
μA
I
OUT
Output Current
350
mA
V
FB
Feedback Reference
Voltage
VIN=2.5V to 6.0V
0.98
1.00
1.02
V
Output Voltage Accuracy
0mA≤I
OUT
≤350
mA
VOUT>1.5V
-2
2
%
VOUT
≤1.5V
-30
30
mV
ΔV
DO
(Note)
Dropout Voltage
IOUT=150mA
110
150
mV
I
LIMIT
Output Current Limit
VIN
≥2.5V
550
mA
t
Startup Time Response
RL
=68Ω, C
OUT
=1μF
44
μs
V
IL
SHDN Input Low Voltage
VIN=6.0V
0.4
V
V
IH
SHDN Input High Voltage
VIN=6.0V
2.0
V
SHDN Input Current
SHDN =VIN or GND
-1
1
μA
T
SHDN
Thermal-Shutdown
Temperature
160
°C
ΔT
SHDN
Thermal-Shutdown
Hysteresis
20
°C
Line Regulation
VOUT
+1V≤V
IN
≤V
OUT+2V,
VIN
≥2.5V I
OUT=10mA
0.09
%/V
Load Regulation
VIN=VOUT+1V, VIN
≥2.5V
1mA≤I
OUT
≤150mA
0.2
%
Output Voltage Noise
10Hz to 100kHz
CIN
=1μF, V
OUT=3.3V,
IOUT=150mA
195
μVR
MS
PSRR
Power Supply Ripple
Rejection
VIN=VOUT+1V
IOUT=100mA
f=100Hz
63
dB
f=1kHz
55
f=10kHz
40
Note
: ΔV
DO just defined for device with VOUT
≥2.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com