Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE575U Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE575U
Description  350mA, Micropower, Very Low Dropout Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE575U Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE575U Datasheet HTML 1Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 2Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 3Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 4Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 5Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 6Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 7Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 8Page - ACE Technology Co., LTD. ACE575U Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ACE575U
350mA, Micropower, Very Low Dropout Linear Regulator
VER 1.1
1
Description
The ACE575U series are very low dropout linear regulators designed for low power portable
applications. Typical output noise is only 195μVRMS and maximum dropout is just 110mV(Typ) at the
load current of 150mA.The internal P-channel MOSFET pass transistor requires no base current, allowing
the device to draw only 190μA during normal operation at the maximum load current of 350mA.With a
shutdown control pin, the ACE575U
consumes less than 1μA current in shutdown mode.
Other features include high output voltage accuracy, excellent transient response, under voltage lockout,
stability with ultralow ESR ceramic capacitors as small as 1μF, short-circuit and thermal overload
protection and output current limiting.
The ACE575U series are available in low profile SOT23-5 and DFN2*2-6L packages.
Features
Very Low Dropout: 150mV (Max) at 150mA
Maximum Input Voltage: 6.0V
±2% Voltage Accuracy at VOUT>1.5V
±30mV Voltage Accuracy at VOUT
≤1.5V
Fast Transient Response
Under Voltage Lockout
Adjustable Output Voltage of ACE575U from 1.0V to 5.0V
Output Current Limit
Stable with 1μF Output Capacitor
Short-Circuit and Thermal Overload Protection
Low Profile SOT23-5 and DFN2*2-6LPackages
Application
Bluetooth/802.11 Cards
PDAs and Notebook Computers
Portable Instruments and Battery-Powered Systems
Cellular Phones


Similar Part No. - ACE575U

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE575D ACE-ACE575D Datasheet
591Kb / 12P
36V Low Current Consumption 250mA CMOS Voltage Regulator
VER 1.1
More results

Similar Description - ACE575U

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
Micropower 5V, 100mA Low Dropout Linear Regulator
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674 Datasheet
155Kb / 11P
Very Low Iq Low Dropout Linear Regulator
November, 2008 ??Rev. 2
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
165Kb / 14P
Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
142Kb / 14P
Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
150mA, Micropower, Low Dropout Linear Regulator
logo
ON Semiconductor
NCV8664C ONSEMI-NCV8664C Datasheet
86Kb / 11P
Very Low Iq Low Dropout Linear Regulator
November, 2014 ??Rev. 0
logo
Union Semiconductor, In...
UM1650 UNIONSEMI-UM1650 Datasheet
670Kb / 18P
350mA, Micropower, Very Low Dropout Linear Regulator
UM3730 UNIONSEMI-UM3730_15 Datasheet
546Kb / 11P
150mA, Micropower, Low Dropout Linear Regulator
logo
ON Semiconductor
NCV8664C ONSEMI-NCV8664C_17 Datasheet
99Kb / 13P
Very Low Iq Low Dropout Linear Regulator
June, 2017 ??Rev. 2
logo
Analog Devices
LT3033 AD-LT3033 Datasheet
3Mb / 24P
Very Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com