Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L16B45BL-R24-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L16B45BL-R24-R
Description  16-BIT CONSTANT CURRENT LED SINK DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L16B45BL-R24-R Datasheet(HTML) 2 Page - Unisonic Technologies

  L16B45BL-R24-R Datasheet HTML 1Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 2Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 3Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 4Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 5Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 6Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 7Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 8Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
L16B45B
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 10
www.unisonic.com.tw
QW-R102-085.b
MARKING
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
GND
Ground terminal for control logic and current sink
2
SERIAL-IN
Serial-data input to the shift register
3
CLOCK
Clock input terminal for data shift on rising edge
4
LATCH
Data strobe input terminal
Serial data is transferred to the output latch when LE is high. The data is latched when
LE goes low.
5~20
OUT0~15
Constant current output terminals
21
ENABLE
Output enable terminal
When (active) low, the output drivers are enabled; when high, all output drivers are
turned OFF (blanked).
22
SERIAL-OUT
Serial-data output to the following SDI of next driver IC
23
REXT
Input terminal used to connect an external resistor for setting up output current for all
output channels
24
VDD
3.5V/5V supply voltage terminal



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com