Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L16B45BL-R24-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L16B45BL-R24-R
Description  16-BIT CONSTANT CURRENT LED SINK DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L16B45BL-R24-R Datasheet(HTML) 4 Page - Unisonic Technologies

  L16B45BL-R24-R Datasheet HTML 1Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 2Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 3Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 4Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 5Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 6Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 7Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 8Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
L16B45B
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R102-085.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
0~7.0
V
Input Voltage
VIN
-0.4 ~ VDD+0.4
V
Output Current
IOUT
45
mA
Output Voltage
VOUT
-0.5 ~ +11
V
Clock Frequency
FCLK
35
MHz
GND Terminal Current
IGND
720
mA
Power Dissipation (TA=25°C)
PD
0.9
W
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
DC ELECTRICAL CHARACTERISTICS (VDD=5.0V, TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
“H” Level
VIH
0.7×VDD
VDD
Input Voltage
“L” Level
VIL
GND
0.3×VDD
V
Output Leakage Current
IOH
VOH=9V
0.2
uA
VOL
IOL=1.0mA
0.4
Output Voltage (S-OUT)
VOH
IOH=-1.0mA
4.6
V
IOL1
VOUT=1V, REXT=910Ω
±2
Output Current (Bit to Bit)
IOL2
VOUT=1V, REXT=420Ω
±2
%
IOL3
VOUT=1V, REXT=910Ω
±4
Output Current (chip to chip)
IOL4
VOUT=1V, REXT=420Ω
±4
%
Output Current vs. Supply
Voltage Regulation
%/VDD
REXT=420Ω, TA=-40~85°C
±1
%/V
Output Current vs. Output
Voltage Regulation
%/VDS
REXT=420Ω, TA=-40~85°C
±0.1
%/V
Pull-Up Resistor
RIN (up)
500
KΩ
Pull-Down Resistor
RIN (down)
500
KΩ
IDD (off) 1
REXT=OPEN, OUT0~15=off
5
8
“OFF”
IDD (off) 2
REXT=420Ω, OUT0~15=off
10
15
Supply Current
“ON”
IDD (on) 1
REXT=420Ω, OUT0~15=on
10
15
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com