Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L16B45BL-R24-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # L16B45BL-R24-R
Description  16-BIT CONSTANT CURRENT LED SINK DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L16B45BL-R24-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button L16B45BL-R24-R Datasheet HTML 2Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 3Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 4Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 5Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 6Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 7Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 8Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 9Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
L16B45B
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 10
www.unisonic.com.tw
QW-R102-085.b
SWITCHING CHARACTERISTICS (VDD=3.3V, TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CLOCK-OUT0
20
LATCH-OUT0
20
ENABLE-OUT0
20
Propagation
Delay Time
(“L” to “H”)
CLOCK-SERIAL_OUT
tpLH
10
ns
CLOCK-OUT0
30
LATCH-OUT0
30
ENABLE-OUT0
30
Propagation
Delay Time
(“H” to “L”)
CLOCK-SERIAL_OUT
tpHL
10
ns
Setup Time for SDI
tsetup
5
ns
Hold Time for SDI
thold
8
ns
Setup Time for LE
tsetup (L)
15
ns
Hold Time for LE
thold (L)
15
ns
Group1-Group2
tGD1
2
ns
Group1-Group3
tGD2
4
ns
Propagation
Delay Time
Group1-Group4
tGD3
6
ns
CLOCK
twCLK
20
ns
LATCH
twLATCH
20
ns
Pulse Width
ENABLE
twEN
40
ns
Output Rise Time of IOUT
tor
20
ns
Output Fall Time of IOUT
tof
VDD=3.3V, VIH=VDD,
VIL=GND, REXT=1KΩ,
VL=3V, RL=100Ω,
CL=10pF
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com