Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L16B45BL-R24-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L16B45BL-R24-R
Description  16-BIT CONSTANT CURRENT LED SINK DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L16B45BL-R24-R Datasheet(HTML) 5 Page - Unisonic Technologies

  L16B45BL-R24-R Datasheet HTML 1Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 2Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 3Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 4Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 5Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 6Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 7Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 8Page - Unisonic Technologies L16B45BL-R24-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
L16B45B
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 10
www.unisonic.com.tw
QW-R102-085.b
DC ELECTRICAL CHARACTERISTICS (VDD=3.3V, TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
“H” Level
VIH
0.7×VDD
VDD
Input Voltage
“L” Level
VIL
GND
0.3×VDD
V
Output Leakage Current
IOH
VOH=9V
0.2
uA
VOL
IOL=1.0mA
0.5
Output Voltage (S-OUT)
VOH
IOH=-1.0mA
2.8
V
IOL1
VOUT=1V, REXT=2720Ω
±2
Output Current (Bit to Bit)
IOL2
VOUT=1V, REXT=910Ω
±2
%
IOL3
VOUT=1V, REXT=2720Ω
±4
Output Current (chip to chip)
IOL4
VOUT=1V, REXT=910Ω
±4
%
Output Current vs. Supply
Voltage Regulation
%/VDD
REXT=910Ω, TA=-40~85°C
±1
%/V
Output Current vs. Output
Voltage Regulation
%/VDS
REXT=910Ω, TA=-40~85°C
±0.1
%/V
Pull-Up Resistor
RIN (up)
500
KΩ
Pull-Down Resistor
RIN (down)
500
KΩ
IDD (off) 1
REXT=OPEN, OUT0~15=off
4
6
“OFF”
IDD (off) 2
REXT=910Ω, OUT0~15=off
6
10
Supply Current
“ON”
IDD (on) 1
REXT=910Ω, OUT0~15=on
6
10
mA
SWITCHING CHARACTERISTICS (VDD=5V, TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CLOCK-OUT0
20
LATCH-OUT0
20
ENABLE-OUT0
20
Propagation
Delay Time
(“L” to “H”)
CLOCK-SERIAL_OUT
tpLH
10
ns
CLOCK-OUT0
30
LATCH-OUT0
30
ENABLE-OUT0
30
Propagation
Delay Time
(“H” to “L”)
CLOCK-SERIAL_OUT
tpHL
10
ns
Setup Time for SDI
tsetup
5
ns
Hold Time for SDI
thold
8
ns
Setup Time for LE
tsetup (L)
15
ns
Hold Time for LE
thold (L)
10
ns
Group1-Group2
tGD1
2
ns
Group1-Group3
tGD2
4
ns
Propagation
Delay Time
Group1-Group4
tGD3
6
ns
CLOCK
twCLK
15
ns
LATCH
twLATCH
15
ns
Pulse Width
ENABLE
twEN
20
ns
Output Rise Time of IOUT
tor
10
ns
Output Fall Time of IOUT
tof
VDD=5V, VIH=VDD
VIL=GND, REXT=1KΩ
VL=4.5V, RL=150Ω
CL=10pF
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com