Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5013T Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE5013T
Description  300mA, Low Consumption Low Dropout, CMOS LDO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5013T Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE5013T Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5013T Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5013T Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5013T Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5013T Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5013T Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5013T Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5013T Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ACE5013T
300mA, Low Consumption Low Dropout, CMOS LDO
VER 1.1
4
Electrical Characteristics
The following specifications apply for VOUT=3.3V TA=25℃unless specified otherwise.
Items
Symbol
Conditions
Min
Typ
Max
Unit
VIN
Input Voltage
7
V
VOUT
VOUT Range
VOUT >1.2V, VIN=VOUT+1V,
IOUT=1mA
VOUT x
0.98
VOUT
VOUT x
1.02
V
VOUT<=1.2V,VIN=2.5V,
IOUT=1mA
VOUT –
25mV
VOUT
VOUT
+25mV
IQ
Quiescent Current
VOUT=3.3V, IOUT=0
1.5
3
µA
ILIMIT
Current Limit
VIN-VOUT=0.5V
370
mA
VDROP
Dropout Voltage
VOUT = 3.3 V, IOUT = 50mA,
95
mV
VOUT = 3.3 V, IOUT = 100
mA,
190
△V
LINE
Line Regulation
VIN = 4.3~5.5 V, IOUT = 1
mA
6
%/V
△V
LOAD
Load Regulation
VIN = VOUT + 1V, IOUT =
1~300 mA
36
mV
ISHORT
Short Current
VOUT Short to GND with
1
Ω
50
90
190
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com