Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5013T Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE5013T
Description  300mA, Low Consumption Low Dropout, CMOS LDO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5013T Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

  ACE5013T Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5013T Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5013T Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5013T Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5013T Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5013T Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5013T Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5013T Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ACE5013T
300mA, Low Consumption Low Dropout, CMOS LDO
VER 1.1
7
Packing Information
SOT-23-3
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
0.900
1.150
0.035
0.045
A1
0.000
0.100
0.000
0.004
A2
0.900
1.050
0.035
0.041
b
0.300
0.500
0.012
0.020
c
0.080
0.150
0.003
0.006
D
2.800
3.000
0.110
0.118
E
1.200
1.400
0.047
0.055
E1
2.250
2.550
0.089
0.100
e
0.950 (BSC)
0.037 (BSC)
e1
1.800
2.000
0.071
0.079
L
0.550 (BSC)
0.022 (BSC)
L1
0.300
0.500
0.012
0.020
θ
0°C
8°C
0°C
8°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com