Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5013T Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE5013T
Description  300mA, Low Consumption Low Dropout, CMOS LDO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5013T Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE5013T Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5013T Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5013T Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5013T Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5013T Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5013T Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5013T Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5013T Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE5013T
300mA, Low Consumption Low Dropout, CMOS LDO
VER 1.1
1
Description
The ACE5013T series are low dropout linear regulators and optimized to provide a high performance
solution for battery power system to delivery low quiescent current. The device offer a new level of cost
effective performance in cellular phones, laptop and notebook computers, and other portable devices.
ACE5013T can provide output value in the range of 1.0V~3.6V by every 0.1V step.
The ACE5013T series are designed to make use of low cost ceramic capacitors which ensure the stability
of the output current, and enhance the efficiency in order to prolong the battery life of those portable
devices.
Features
Input voltage: 2.5V~7V
Output range: 1.0V~3.6V (customized by every 0.1V step)
Output current: 300mA @ VIN-VOUT=1V
Dropout voltage: 190mV @ IOUT=100mA
Quiescent current :
1.5μA Typ.
PSRR: 50dB @ 100Hz
Recommend capacitor: 1μF
Application
Reference voltage source
Toys
Bluetooth, wireless handsets
Low Consumption Device
Others portable electronics device
Absolute Maximum Ratings
(Note)
Symbol
Items
Value
Unit
VIN
Input Voltage
-0.3~8
V
IOUT
Output Current
370
mA
PDMAX
Power Dissipation
SOT-23-3
0.25
W
RθJA
Thermal Resistance
SOT-23-3
220
℃/ W
TJ
Junction Temperature
-40~125
℃
TA
Ambient Temperature
-40~85
℃
TSTG
Storage Temperature
-55~150
℃
TSOLDER
Package Lead Soldering Temperature (10s)
260
℃
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect device reliability.


Similar Part No. - ACE5013T

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE50130AM+ ACE-ACE50130AM+ Datasheet
521Kb / 9P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE50130AM+H ACE-ACE50130AM+H Datasheet
807Kb / 10P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
ACE50130BM+ ACE-ACE50130BM+ Datasheet
521Kb / 9P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE50130BM+H ACE-ACE50130BM+H Datasheet
807Kb / 10P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
ACE50131AM+ ACE-ACE50131AM+ Datasheet
521Kb / 9P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
More results

Similar Description - ACE5013T

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
300mA Low Noise CMOS LDO
logo
Richtek Technology Corp...
RT9187A RICHTEK-RT9187A Datasheet
213Kb / 11P
300mA, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
Low Dropout Voltage 300mA CMOS LDO Regulator
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
Low Dropout Voltage 300mA CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5017T ACE-ACE5017T Datasheet
857Kb / 8P
300mA Ultra Low Consumption CMOS LDO
VER 1.2
logo
Will Semiconductor Ltd.
WL2855E WILLSEMI-WL2855E Datasheet
1Mb / 12P
Low noise, Low Power Consumption, 12V Input, 300mA, CMOS LDO
logo
AiT Semiconductor Inc.
A6151 AITSEMI-A6151 Datasheet
504Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 100mA CMOS HIGH INPUT VOLTAGE LOW CONSUMPTION
REV1.2
A6151A AITSEMI-A6151A Datasheet
552Kb / 10P
CMOS LOW DROPOUT REGULATOR (LDO) 100mA CMOS HIGH INPUT VOLTAGE LOW CONSUMPTION
REV1.2
A6201A AITSEMI-A6201A Datasheet
377Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
A6303E AITSEMI-A6303E Datasheet
1Mb / 12P
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA LOW POWER COMNSUMPTION
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com