Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5013T Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE5013T
Description  300mA, Low Consumption Low Dropout, CMOS LDO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5013T Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE5013T Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5013T Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5013T Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5013T Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5013T Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5013T Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5013T Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5013T Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ACE5013T
300mA, Low Consumption Low Dropout, CMOS LDO
VER 1.1
5
Typical Characteristics
CIN
=1μF, C
OUT
=1μF, T
OPT=25℃, VIN=5V, VOUT=3.3V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com