Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 201 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 201 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 197Page - Texas Instruments AM6548 Datasheet HTML 198Page - Texas Instruments AM6548 Datasheet HTML 199Page - Texas Instruments AM6548 Datasheet HTML 200Page - Texas Instruments AM6548 Datasheet HTML 201Page - Texas Instruments AM6548 Datasheet HTML 202Page - Texas Instruments AM6548 Datasheet HTML 203Page - Texas Instruments AM6548 Datasheet HTML 204Page - Texas Instruments AM6548 Datasheet HTML 205Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 299 page
background image
MMC0_CLK
MMC0_CMD
MMC0_DAT[7:0]
SSDR2L
SSDR2H
SSDR1
SSDR6
SSDR5
SSDR8
SSDR7
SPRSP08_MMC0_01
201
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
NOTE
For more information, see the Multimedia Card/Secure Digital (MMC/SD) Interface chapter of
the Device TRM.
Table 5-64 and Table 5-65 present Timing requirements and Switching characteristics for MMC0 - JC64
Standard SDR in Receiver and Transmitter mode (see Figure 5-69 and Figure 5-70).
Table 5-64. Timing Requirements for MMC0 - JC64 Standard SDR Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
SSDR5
tsu(cmdV-clkH)
Setup time, MMC0_CMD valid before MMC0_CLK rising
clock edge
Positive-edge
Reference Clock
9.96
ns
SSDR6
th(clkH-cmdV)
Hold time, MMC0_CMD valid after MMC0_CLK rising clock
edge
Positive-edge
Reference Clock
8.47
ns
SSDR7
tsu(dV-clkH)
Setup time, MMC0_DAT[7:0] valid before MMC0_CLK
rising clock edge
Positive-edge
Reference Clock
9.96
ns
SSDR8
th(clkH-dV)
Hold time, MMC0_DAT[7:0] valid after MMC0_CLK rising
clock edge
Positive-edge
Reference Clock
8.47
ns
Figure 5-69. MMC0 SD Card Interface - JC64 Standard SDR Receiver Mode
Table 5-65. Switching Characteristics for MMC0 - JC64 Standard SDR Mode (1)
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
SSDR1
fop(clk)
Operating frequency, MMC0_CLK
Positive-edge
Reference Clock
24
MHz
SSDR2H tw(clkH)
Pulse duration, MMC0_CLK high
Positive-edge
Reference Clock
0.5*P -
1.043 (1)
ns
SSDR2L
tw(clkL)
Pulse duration, MMC0_CLK low
Negative-edge
Reference Clock
0.5*P -
1.043 (1)
ns
SSDR3
td(clkL-cmdV)
Delay time, MMC0_CLK falling clock edge to
MMC0_CMD transition
Negative-edge
Reference Clock
-16.39
16.39
ns
SSDR4
td(clkL-dV)
Delay time, MMC0_CLK falling clock edge to
MMC0_DAT[7:0] transition
Negative-edge
Reference Clock
-16.39
16.39
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com