Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 202 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 202 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 198Page - Texas Instruments AM6548 Datasheet HTML 199Page - Texas Instruments AM6548 Datasheet HTML 200Page - Texas Instruments AM6548 Datasheet HTML 201Page - Texas Instruments AM6548 Datasheet HTML 202Page - Texas Instruments AM6548 Datasheet HTML 203Page - Texas Instruments AM6548 Datasheet HTML 204Page - Texas Instruments AM6548 Datasheet HTML 205Page - Texas Instruments AM6548 Datasheet HTML 206Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 299 page
background image
MMC0_CLK
MMC0_CMD
MMC0_DAT[7:0]
JC641
JC642L
JC643
JC644
JC647
JC648
mmc0_03
JC642H
SSDR2L
MMC0_CLK
MMC0_CMD
MMC0_DAT[7:0]
SSDR1
SSDR2H
SSDR3
SSDR4
SPRSP08_MMC0_02
202
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
(1) P = output MMC0_CLK period in ns
Figure 5-70. MMC0 SD Card Interface - JC64 Standard SDR Transmitter Mode
Table 5-66 and Table 5-67 present Timing requirements and Switching characteristics for MMC0 - JC64
High speed SDR in receiver and transmitter mode (see Figure 5-71 and Figure 5-72).
Table 5-66. Timing Requirements for MMC0 - JC64 High Speed SDR Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
JC643
tsu(cmdV-clkH)
Setup time, MMC0_CMD valid before MMC0_CLK rising
clock edge
Positive-edge
Reference Clock
3.26
ns
JC644
th(clkH-cmdV)
Hold time, MMC0_CMD valid after MMC0_CLK rising
clock edge
Positive-edge
Reference Clock
2.67
ns
JC647
tsu(dV-clkH)
Setup time, MMC0_DAT[7:0] valid before MMC0_CLK
rising clock edge
Positive-edge
Reference Clock
3.26
ns
JC648
th(clkH-dV)
Hold time, MMC0_DAT[7:0] valid after MMC0_CLK rising
clock edge
Positive-edge
Reference Clock
2.67
ns
Figure 5-71. MMC0 SD Card Interface - JC64 High Speed SDR Receiver Mode
Table 5-67. Switching Characteristics for MMC0 - JC64 High Speed SDR Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
JC641
fop(clk)
Operating frequency, MMC0_CLK
Positive-edge
Reference Clock
48
MHz
JC642H
tw(clkH)
Pulse duration, MMC0_CLK high
Positive-edge
Reference Clock
0.5*P -
0.82 (1)
ns
JC642L
tw(clkL)
Pulse duration, MMC0_CLK low
Negative-edge
Reference Clock
0.5*P -
0.82 (1)
ns
JC645
td(clkL-cmdV)
Delay time, MMC0_CLK falling clock edge to
MMC0_CMD transition
Negative-edge
Reference Clock
-6.5
6.5
ns
JC646
td(clkL-dV)
Delay time, MMC0_CLK falling clock edge to
MMC0_DAT[7:0] transition
Negative-edge
Reference Clock
-6.5
6.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com