Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 246 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 246 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 242Page - Texas Instruments AM6548 Datasheet HTML 243Page - Texas Instruments AM6548 Datasheet HTML 244Page - Texas Instruments AM6548 Datasheet HTML 245Page - Texas Instruments AM6548 Datasheet HTML 246Page - Texas Instruments AM6548 Datasheet HTML 247Page - Texas Instruments AM6548 Datasheet HTML 248Page - Texas Instruments AM6548 Datasheet HTML 249Page - Texas Instruments AM6548 Datasheet HTML 250Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 299 page
background image
246
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
The following PRU_ICSSG features are not supported:
•
Only 4 of the IEP0 (and none of the IEP1) Ethernet Digital Data Input/Output's of each ICSS_G are
pinned out
•
UART Modem interface is not supported
•
The following features are not supported only for PRU_ICSSG0 and PRU_ICSSG1
–
12 Enhanced General-Purpose Inputs (pr<0/1>_pru0_r31_in[31:20]) are not pinned out
–
12 Enhanced General-Purpose Outputs (pr<0/1>_pru0_r31_out[31:20]) are not pinned out
–
SGMII mode is not supported on PRU_ICSSG0 and PRU_ICSSG1
•
The following features are not supported only for PRU_ICSSG2:
–
14 Enhanced General-Purpose Inputs (pr<2>_pru0_r31_in[31:18]) are not pinned out
–
14 Enhanced General-Purpose Outputs (pr<2>_pru0_r31_out[31:18]) are not pinned out
For
more
information,
see
section
Programmable
Real-Time
Unit
Subsystem
and
Industrial
Communication Subsystem - Gigabit (PRU_ICSSG) in chapter Processors and Accelerators of the device
TRM.
6.7
DMSC
This section describes the Device Management and Security Controller (DMSC) module in the device.
NOTE
DMSC controls the boot sequence, power management and security of the device, hence
does not fall under specific industry standards.
The device supports one DMSC module - WKUP_DMSC0, located in WKUP domain
A dedicated subsystem for device management and security functions. The DMSC is located in the
WKUPSS. With the factory-sealed firmware, DMSC performs:
•
Device management
•
On-chip power management
•
Secure boot gate-keeping
•
Runtime security gate-keeping
•
Power feature /Wake-up control
DMSC module supports the following features:
•
Arm Cortex-M3 based subsystem
–
Boot sequence
–
Device management
–
Power management
–
Security control
•
Arm Cortex-M3 RISC Processor (Single core)
–
Armv7-M architecture profile.
–
Support for NVIC (Nested Vectored Interrupt Controller) to achieve low interrupt latency
–
Ability to execute code from internal memory (via I-code/D-code) or external memories
•
Read-only Memory (ROM) to allow boot sequence, authentication and provide security service
–
160KB Size (4-bytes words).
–
Accessible to only Cortex-M3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com