Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 248 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 248 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 244Page - Texas Instruments AM6548 Datasheet HTML 245Page - Texas Instruments AM6548 Datasheet HTML 246Page - Texas Instruments AM6548 Datasheet HTML 247Page - Texas Instruments AM6548 Datasheet HTML 248Page - Texas Instruments AM6548 Datasheet HTML 249Page - Texas Instruments AM6548 Datasheet HTML 250Page - Texas Instruments AM6548 Datasheet HTML 251Page - Texas Instruments AM6548 Datasheet HTML 252Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 299 page
background image
248
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
•
Power Management features
–
DMSC Control Module
•
Contains various control, configuration and status MMRs for power management functions.
–
Main Oscillator Control
•
Controls the main SOC oscillator power down.
•
Controls the POR-RC oscillator root clock gating to avoid high frequency clock propagation
during the SOC DeepSleep and DeeperSleep .
•
Support for DMTIMER to continue counting and generate interrupt via SWAKEUP even during
SOC oscillator power down mode. The 4 DMTIMER modules support SWAKEUP generation.
–
Memory power management
•
Power OFF of ROM during sleep modes.
•
Retention of RAM during sleep modes.
–
IO Power Management
•
Controls IO Isolation while going into Standby mode.
•
Controls IO Wakeup capability.
–
External signals for power control
•
Support for 64 Cortex-M3 controlled general purpose outputs.
•
Support for 64 general purpose inputs which can be used by Cortex-M3.
•
Support for 64 hardware controlled outputs.
•
Support for 64 hardware controlled inputs.
•
Security Control features
–
Security Manager module
•
Device security management
•
Device type control (GP, EMU, HS etc.).
•
Emulation control
•
JTAG control
•
Key Management
–
Firewall and Priv-ID manager
•
Dedicated VBUSP port for firewall emulation and security configuration.
•
Issues interrupt to Cortex-M3 upon exception detection.
•
Accessible by Cortex-M3 only as default setting.
–
Debug SS handshake protocol for challenge-response protocol
•
Communication channel between DebugSS and DMSC to carry-out challenge response protocol
to open SoC level JTAG port.
–
AES engine with 128, 192 and 256-bits support
•
No data fetch engine, data pushed via host into AES registers.
•
Separate firewall control for two HIB.
•
Ability to select KEK as default key for AES operation.
•
DPA /EMA countermeasure
DMSC module Not Supported features:
•
Cortex-M3 Memory Protection Unit (MPU)
•
ETM
•
No big-endian support.
•
No support for SWAKEUP/CLKSTOP_WAKEUP event generation from WW-RTI.
For more information, see section Device Management and Security Controller (DMSC) in chapter Device
Configuration of the device TRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com